Electronic Components Datasheet Search
  English  ▼

X  

MAX4397DACTM Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX4397DACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397DACTM Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX4397DACTM Datasheet HTML 13Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 14Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 15Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 16Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 17Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 18Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 19Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 20Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Format of the I2C Interface
I2C Compatibility
The MAX4397DA/SA are compatible with existing I2C
systems. SCL and SDA are high-impedance inputs.
SDA has an open drain that pulls the bus line to a logic-
low during the 9th clock pulse. Figure 7 shows a typical
I2C interface application. The communication protocol
supports the standard I2C 8-bit communications. The
MAX4397DA/SA address is compatible with the 7-bit I2C
addressing protocol only; 10-bit format is not supported.
Digital Inputs and Interface Logic
The I2C-compatible, 2-wire interface has logic levels
defined as VIL = 0.8V and VIH = 2.0V. All of the inputs
include Schmitt-trigger buffers to accept low-transition
interfaces. The digital inputs are compatible with 3V
CMOS logic levels.
Programming
Connect DEV_ADDR to ground to set the MAX4397DA/SA
write and read address as shown in Table 2.
Data Register Writing and Reading
Program the SCART video and audio switches by writ-
ing to registers 00h through 0Dh. Registers 00h through
0Eh can also be read, allowing readback of data after
programming and facilitating system debugging. The
status register is read-only and can be read from
address 0Eh. See Tables 3–12 for register program-
ming information.
Applications Information
Hot Plug of SCART Connectors
The MAX4397DA/SA feature high-ESD protection on all
SCART inputs and outputs, and requires no external
transient-voltage suppressor (TVS) devices to protect
against floating chassis discharge. Some set-top boxes
have a floating chassis problem in which the chassis is
not connected to earth ground. As a result, the chassis
can charge up to 500V. When a SCART cable is con-
nected to the SCART connector, the charged chassis
can discharge through a signal pin. The equivalent cir-
cuit is a 2200pF capacitor charged to 311V connected
through less than 0.1Ω to a signal pin. The
MAX4397DA/SA are soldered on the PCB when it expe-
riences such a discharge. Therefore, the current spike
flows through the ESD protection diodes and is
absorbed by the supply bypass capacitors, which have
high capacitance and low ESR.
To better protect the MAX4397DA/SA against excess
voltages during the cable discharge condition, place
an additional 75Ω resistor in series with all inputs and
outputs to the SCART connector. For harsh environ-
ments where ±15kV protection is needed, the
MAX4385E and MAX4386E single and quad high-
speed op amps feature the industry’s first integrated
±15kV ESD protection on video inputs and outputs.
Audio/Video Switch for Dual SCART Connectors
______________________________________________________________________________________
17
µC
SCL
SCL
SDA
VVID
MAX4397DA/SA
SCL
SDA
VDD
SCL
SDA
VDD
DEVICE 2
DEVICE 1
SDA
Figure 7. Typical I2C Interface Application
ADDRESS PIN
STATE
WRITE
ADDRESS
READ ADDRESS
VVID
96h
97h
GNDVID
94h
95h
Table 2. Slave Address Programming
S
Slave Address
(Write address)
A
Register
Address
A
Data
A
P
Write Mode
S
Slave
Address
(Write
address)
A
Register
Address
A Sr
Slave
Address
(Read
address)
A Data
NA
P
Read Mode
S = Start Condition, A = Acknowledge, NA = Not Acknowledge,
Sr = Repeat Start Condition, P = Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com