Electronic Components Datasheet Search
  English  ▼

X  

ZLR64400ROMMCU Datasheet(PDF) 63 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 63 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 59Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 60Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 61Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 62Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 63Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 64Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 65Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 66Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
UART Control Register
ZLR64400 ROM MCU
Product Specification
53
UART Control Register
As its name implies, the UART Register controls the UART. In addition to setting bit 5,
the user must also set appropriate bit in the Interrupt Mask Register (Table 44, Interrupt
Mask Register (IMR), on page 89). See Table 24.
This register is not reset after a stop-mode recovery.
[0]
Read:
0
1
Noise Filter—Detects noise during data reception.
No noise detected.
Noise detected.
Write:
0
1
Turn off noise filter.
Turn on noise filter.
Table 24. UART Control Register (UCTL)
Bit
7
6
5
4
3
2
1
0
Field
Transmitter
Enable
Receiver
Enable
UART
Interrupts
Enable
Parity
Enable
Parity
Select
Send
Break
Stop Bits Baud Rate
Generator
Reset
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank Independent: F3h; Linear: 0F3h
Bit
Position Value Description
[7]
0
1
Transmitter disabled.
Transmitter enabled.
[6]
0
1
Receiver disabled.
Receiver enabled.
[5]
0
1
UART Interrupts disabled.
UART Interrupts enabled.
[4]
0
1
Parity disabled.
Parity enabled.
[3]
0
1
Even parity selected.
Odd parity selected.
Bit
Position
Value Description
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com