Electronic Components Datasheet Search
  English  ▼

X  

ZLR64400ROMMCU Datasheet(PDF) 71 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 71 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 67Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 68Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 69Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 70Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 71Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 72Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 73Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 74Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 75Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Counter/Timer Functional Blocks
ZLR64400 ROM MCU
Product Specification
61
Using the same instructions for stopping the counter/timers and setting the status bits is
not recommended.
Two successive commands are necessary. First, the counter/timers must be stopped. Sec-
ond, the status bits must be reset. These commands are required because it takes one
counter/timer clock interval for the initiated event to actually occur. See Figures 21 and
22.
T8 Demodulation Mode
The user must program TC8L and TC8H to ÚÚ¸. After T8 is enabled, when the first edge
(rising, falling, or both depending on CTR1 bits [5:4]) is detected, it starts to count down.
When a subsequent edge (rising, falling, or both depending on CTR1 bits [5:4]) is detected
during counting, the current value of T8 is complemented and put into one of the capture
registers. If it is a positive edge, data is put into LO8; if it is a negative edge, data is put
into HI8. From that point, one of the edge detect status bits (CTR1, bits [1:0]) is set, and
an interrupt can be generated if enabled (CTR0, bit 2). Meanwhile, T8 is loaded with ÚÚ¸
Figure 21. T8_OUT in Single-Pass Mode
Figure 22. T8_OUT in Modulo-N Mode
Caution:
ÌÝèØ Ý±«²¬-
ݱ«²¬»® Û²¿¾´» ½±³³¿²¼å
ÌèÁÑËÌ -©·¬½¸»- ¬± ·¬-
·²·¬·¿´ ª¿´«» øÝÌÎï ¼¿¬¿ ¾·¬ ï÷
ÌèÁÑËÌ ¬±¹¹´»-å
¬·³»ó±«¬ ·²¬»®®«°¬
ݱ«²¬»® Û²¿¾´» ½±³³¿²¼ô
ÌèÁÑËÌô -©·¬½¸»- ¬± ·¬-
·²·¬·¿´ ª¿´«» øÝÌÎï ¼¿¬¿ ¾·¬ ï÷
ÌèÁÑËÌ ¬±¹¹´»-
ÌèÁÑËÌ
ÌÝèÔ
ÌÝèØ
ÌÝèÔ
ÌÝèØ
ÌÝèÔ
Ì·³»ó±«¬ ·²¬»®®«°¬
Ì·³»ó±«¬ ·²¬»®®«°¬



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com