Electronic Components Datasheet Search
  English  ▼

X  

ZLR64400ROMMCU Datasheet(PDF) 89 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 89 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 85Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 86Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 87Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 88Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 89Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 90Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 91Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 92Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 93Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Counter/Timer Registers
ZLR64400 ROM MCU
Product Specification
79
Timer 16 Control Register
Table 37 describes the bits for the Timer 16 Control Register (CTR2).
Table 37. Counter/Timer 16 Control Register (CTR2)
Bit
7
6
5
4
3
2
1
0
Field
T16_Enable
Single/
Modulo-N
Time_Out
T16 _Clock
Capture_INT
_Mask
Counter_INT
_Mask
P35_Out
Reset
0
00
0
0
0
00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank D: 02h; Linear: D02h
Bit
Position Description
[7]
T16_Enable—Disable/enable the T16 counter.
0
1
Disable T16 counter.
Enable T16 counter.
[6]
Transmit Mode (CTR1[7]=0):
Single/Modulo-N—Selects Timer 16 terminal count action.
0
1
MODULO-N mode. T16 reloads the initial value when terminal count is reached
Single-Pass mode. T16 stops when the terminal count is reached
Demodulation Mode (CTR1[7]=1):
Enable single-edge capture. See
T16 Demodulation Mode on page 66.
0
1
Timer 16 captures and reloads on all edges.
Timer 16 captures and reloads on first edge only.
[5]
Time_Out—This bit is set when the T16 terminal count is reached.
Read:
0
1
Write:
0
1
Time_Out—This bit is set when the T16 terminal count is reached.
No counter time-out occurs.
Counter time-out occurred.
No effect.
Reset flag to 0. Software must reset this flag before using counter/timers.
[4:3]
T16 _Clock—Select T16 input clock frequency. These bits are not reset upon stop-mode recovery.
00
01
10
11
SCLK.
SCLK ÷ 2.
SCLK ÷ 4.
SCLK ÷ 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com