Electronic Components Datasheet Search
  English  ▼

X  

ILA19002 Datasheet(PDF) 3 Page - Integral Corp.

Part # ILA19002
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA19002 Datasheet(HTML) 3 Page - Integral Corp.

  ILA19002 Datasheet HTML 1Page - Integral Corp. ILA19002 Datasheet HTML 2Page - Integral Corp. ILA19002 Datasheet HTML 3Page - Integral Corp. ILA19002 Datasheet HTML 4Page - Integral Corp. ILA19002 Datasheet HTML 5Page - Integral Corp. ILA19002 Datasheet HTML 6Page - Integral Corp. ILA19002 Datasheet HTML 7Page - Integral Corp. ILA19002 Datasheet HTML 8Page - Integral Corp. ILA19002 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ILA19002
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
3
ELECTRICAL CHARACTERISTICS
(VDD=2.5V, VSS=-2.5V, over the temperature range -10°C to +70°C, unless otherwise specified.)
Parameter
Symbol Min
Typ
Maxf Unit Condition
Operating Temperature
Ranges
TO
-25
+85
0C
Supply Voltage: Positive VDD
2.25
2.75
V
Supply Voltage: Negative VSS
-2.75
-2.25 V
Supply Current: Positive IDD
56
mA
Supply Current: Negative ISS
56
mA
Current Sensor Inputs
(Differential)
Input Current Range
III
-25
+25
µA Peak value
Voltage Sensor Inputs
(Asymmetrical )
Input Current Range
IIV
-25
+25
µA Peak value
Pins FOUT, FOUT2
Output Low Voltage
Output High Voltage
VOL
VOH
VDD-1
VSS+1
V
V
IOL=5 mA
IOH=-2 mA
Pulse Rate FOUT
fp
0
0
1160
3000
Hz
Hz
Specified linearity
Min and max limits
Pulse Width tp
tPP
tPN
71:55
143.1
µs
µs
Positive Energy Flow
Negative Energy Flow
Pin VREF
Ref. Current
Ref. Voltage
-IR
VR
45
1.1
50
55
1.3
µA
V
With R = 24 k
Ω
connected to VSS
Referred to VSS
Oscillator
Recommended crystal:
TV colour burst crystal, f=3.5795 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com