Electronic Components Datasheet Search
  English  ▼

X  

ILA19002 Datasheet(PDF) 1 Page - Integral Corp.

Part # ILA19002
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA19002 Datasheet(HTML) 1 Page - Integral Corp.

  ILA19002 Datasheet HTML 1Page - Integral Corp. ILA19002 Datasheet HTML 2Page - Integral Corp. ILA19002 Datasheet HTML 3Page - Integral Corp. ILA19002 Datasheet HTML 4Page - Integral Corp. ILA19002 Datasheet HTML 5Page - Integral Corp. ILA19002 Datasheet HTML 6Page - Integral Corp. ILA19002 Datasheet HTML 7Page - Integral Corp. ILA19002 Datasheet HTML 8Page - Integral Corp. ILA19002 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ILA19002
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
1
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH INSTANTANEOUS PULSE OUTPUT
FEATURES
• Performs bidirectional power
and energy measurement
• Meets the IEC 521/1036
Specification requirements for
Class 1 AC Watt hour meters
• Protected against ESD
• Total power consumption rating
below 25 mW
• Adaptable to different types of
current sensors
• Operates over a wide temperature
range
• Precision voltage reference on-chip
FUNCTIONAL DESCRIPTION:
The ILA19002 Single Phase Bidirectional Power/Energy metering integrated circuit generates
a pulse rate output, the frequency of which is proportional to the power consumption. The
ILA19002 performs the calculations of active power.
The method of calculation takes the power factor into account.
Energy consumption is determined by the power measurement being integrated over time.
This universal single phase bidirectional power/energy metering integrated circuit is ideally
suited for energy calculation in applications such as residential municipal metering and factory
energy metering and control.
The ILA19002 Single Phase Bidirectional Power/Energy metering integrated circuit is a
CMOS mixed signal Analog/Digital integrated circuit, which performs power/energy
calculations over a range of 1000:1, to an overall accuracy of better than Class 1.
The integrated circuit includes all the required functions for 1-phase power and energy
measurement such as two oversampling A/D converters for the voltage and current sense
inputs, power calculation and energy integration. Internal offsets are eliminated through the
use of cancellation procedures.
The ILA19002 Single Phase Bidirectional Power/Energy metering integrated circuit generates
pulses, the frequency of which is proportional to the power consumption. The pulse rate
follows the instantaneous power consumption measured. Direction information is also
provided. A voltage zero crossover signal, relevant to the positive going half cycle, is available
on pin FMO. This signal can be used to synchronise circuit breaker switching.
IC is available in both 14 and 20 pin dual-in-plastic (DIP-14/DIP-20), as well as 20 pin small
outline (SOIC-20) package types.


Similar Part No. - ILA19002

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
Provides a supply for external circuits
logo
Integral Corp.
ILA1062A INTEGRAL-ILA1062A Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
ILA1068N ETC-ILA1068N Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
More results

Similar Description - ILA19002

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com