Electronic Components Datasheet Search
  English  ▼

X  

ILA19002 Datasheet(PDF) 11 Page - Integral Corp.

Part # ILA19002
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA19002 Datasheet(HTML) 11 Page - Integral Corp.

Back Button ILA19002 Datasheet HTML 4Page - Integral Corp. ILA19002 Datasheet HTML 5Page - Integral Corp. ILA19002 Datasheet HTML 6Page - Integral Corp. ILA19002 Datasheet HTML 7Page - Integral Corp. ILA19002 Datasheet HTML 8Page - Integral Corp. ILA19002 Datasheet HTML 9Page - Integral Corp. ILA19002 Datasheet HTML 10Page - Integral Corp. ILA19002 Datasheet HTML 11Page - Integral Corp. ILA19002 Datasheet HTML 12Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ILA19002
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
11
Figure 2: Application Circuit using a Current Transformer for Current Sensing.
R1 = R2
L
N
R9
2.4V TO 2.6V DC
R8
XTAL
C9
C10
IC-1
R2
R1
0 V
5 V
R7
CT
R3
R4
RSH = TERMINATION RESISTOR FOR CURRENT TRANSFORMER
SUPPLY
LOAD
RSH
R6
6
7
5
4
3
2
1
9
8
10
11
14
12
13
FOUT
DIR
FMO
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com