Electronic Components Datasheet Search
  English  ▼

X  

MAX306C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX306C/D
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX306C/D Datasheet HTML 2Page - Maxim Integrated Products MAX306C/D Datasheet HTML 3Page - Maxim Integrated Products MAX306C/D Datasheet HTML 4Page - Maxim Integrated Products MAX306C/D Datasheet HTML 5Page - Maxim Integrated Products MAX306C/D Datasheet HTML 6Page - Maxim Integrated Products MAX306C/D Datasheet HTML 7Page - Maxim Integrated Products MAX306C/D Datasheet HTML 8Page - Maxim Integrated Products MAX306C/D Datasheet HTML 9Page - Maxim Integrated Products MAX306C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Applications Information
Operation with Supply Voltages
Other than ±15V
Using supply voltages other than ±15V will reduce the
analog signal range. The MAX306/MAX307 switches
operate with ±4.5V to ±20V bipolar supplies or with a +5V
to +30V single supply; connect V- to GND when operating
with a single supply. Also, both device types can operate
with unbalanced supplies such as +24V and -5V. The
Typical Operating Characteristics graphs show typical on-
resistance with 20V, 15V, 10V, and 5V supplies. (Switching
times increase for 5V operation, up to a maximum of 10µs.)
Overvoltage Protection
Proper power-supply sequencing is recommended
for all CMOS devices. Do not exceed the absolute
maximum ratings because stresses beyond the listed
ratings may cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by either
the logic inputs, NO or COM. If power-supply sequencing
is not possible, add two small-signal diodes in series with
supply pins for overvoltage protection (Figure 1). Adding
diodes reduces the analog signal range to 1V above
V+ and 1V below V-, but low switch resistance and low
leakage characteristics are unaffected. Device operation
is unchanged, and the difference between V+ and V-
should not exceed +44V.
Figure 1. Overvoltage Protection Using External Blocking
Diodes
MAX306
PIN
NAME
FUNCTION
1
V+
Positive Supply Voltage Input
2, 3, 13
N.C.
No Connection. Not internally
connected.
4–11
NO16–NO9
Analog Inputs–bidirectional
12
GND
Ground
14–17
A3–A0
Address Inputs
18
EN
Enable Inputs
19–26
NO1–NO8
Analog Inputs–bidirectional
27
V-
Negative Supply Voltage Input
28
COM
Output–bidirectional
MAX307
PIN
NAME
FUNCTION
1
V+
Positive Supply Voltage Input
2
COMB
Output B–bidirectional
3, 13, 14
N.C.
No Connection. Not internally
connected.
4–11
NO8B–NO1B
Analog Inputs–bidirectional
12
GND
Ground
15, 16, 17
A2, A1, A0
Address Inputs
18
EN
Enable Input
19–26
NO1A–NO8A
Analog Inputs–bidirectional
27
V-
Negative Supply Voltage Input
28
COMA
Output A–bidirectional
Vg
NO
COM
MAX306
V-
V+
MAX306/MAX307
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 6
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com