Electronic Components Datasheet Search
  English  ▼

X  

MAX306C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX306C/D
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX306C/D Datasheet HTML 1Page - Maxim Integrated Products MAX306C/D Datasheet HTML 2Page - Maxim Integrated Products MAX306C/D Datasheet HTML 3Page - Maxim Integrated Products MAX306C/D Datasheet HTML 4Page - Maxim Integrated Products MAX306C/D Datasheet HTML 5Page - Maxim Integrated Products MAX306C/D Datasheet HTML 6Page - Maxim Integrated Products MAX306C/D Datasheet HTML 7Page - Maxim Integrated Products MAX306C/D Datasheet HTML 8Page - Maxim Integrated Products MAX306C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX306/MAX307 precision, monolithic, CMOS
analog multiplexers (muxes) offer low on-resistance (less
than 100Ω), which is matched to within 5Ω between
channels and remains flat over the specified analog
signal range (7Ω, max). They also offer low leakage over
temperature (INO(OFF) less than 2.5nA at +85°C) and fast
switching speeds (tTRANS less than 250ns). The MAX306
is a single-ended 1-of-16 device, and the MAX307 is a
differential 2-of-8 device.
The MAX306/MAX307 are fabricated with Maxim’s
improved 44V silicon-gate process. Design improvements
yield extremely low charge injection (less than 10pC) and
guarantee electrostatic discharge (ESD) protection greater
than 2000V.
These muxes operate with a single +5V to +30V supply,
or bipolar ±4.5V to ±20V supplies, while retaining TTL/
CMOS-logic input compatibility and fast switching. CMOS
inputs provide reduced input loading. These improved
parts are plug-in upgrades for the industrystandard
DG406, DG407, DG506A, and DG507A.
Applications
Benefits and Features
● Guaranteed On-Resistance Match Between
Channels, < 5Ω Max
● Low On-Resistance, < 100Ω Max
● Guaranteed Flat On-Resistance Over Specified
Signal Range, 7Ω Max
● Guaranteed Charge Injection, < 10pC
● INO(OFF) Leakage < 2.5nA at +85°C
● ICOM(OFF) Leakage < 20nA at +85°C
● ESD Protection > 2000V
● Plug-In Upgrade for Industry-Standard
DG406/DG407/DG506A/DG507A
● Single-Supply Operation (+5V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
● Low Power Consumption, < 1.25mW
● Rail-to-Rail Signal Handling
● TTL/CMOS-Logic Compatible
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
19-0270; Rev 5; 3/16
● Sample-and-Hold Circuits
● Test Equipment
● Heads-Up Displays
● Guidance and Control
Systems
● Military Radios
● Communications Systems
● Battery-Operated Systems
PBX, PABX
● Audio Signal Routing
PART
TEMP RANGE
PIN-PACKAGE
MAX306CPI
0°C to +70°C
28 PDIP
MAX306CWI
0°C to +70°C
28 Wide SO
MAX306C/D
0°C to +70°C
Dice*
MAX306EPI
-40°C to +85°C
28 PDIP
MAX306EWI
-40°C to +85°C
28 Wide SO
MAX306EQI
-40°C to +85°C
28 PLCC
MAX306EUI
-40°C to +85°C
28 TSSOP
MAX306MJI
-55°C to +125°C
28 CERDIP
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
COM
V-
NO8
NO7
NO16
N.C.
N.C.
V+
TOP VIEW
NO6
NO5
NO4
NO3
NO12
NO13
NO14
NO15
20
19
18
17
9
10
11
12
NO2
NO1
EN
A0
GND
NO9
NO10
NO11
PDIP/SO/TSSOP
MAX306
16
15
13
14
A1
A2
Pin Configurations/Functional Diagrams/Truth Tables
continued at end of data sheet.
A3
N.C.
A2
A1
A0
EN
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MAX306
LOGIC “0” VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
A3
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
MAX306/MAX307
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information


Similar Part No. - MAX306C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306C/D MAXIM-MAX306C/D Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306C/D MAXIM-MAX306C/D Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306C/D MAXIM-MAX306C/D Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306C/D MAXIM-MAX306C/D Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
More results

Similar Description - MAX306C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com