Electronic Components Datasheet Search
  English  ▼

X  

MAX306C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX306C/D
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX306C/D Datasheet HTML 1Page - Maxim Integrated Products MAX306C/D Datasheet HTML 2Page - Maxim Integrated Products MAX306C/D Datasheet HTML 3Page - Maxim Integrated Products MAX306C/D Datasheet HTML 4Page - Maxim Integrated Products MAX306C/D Datasheet HTML 5Page - Maxim Integrated Products MAX306C/D Datasheet HTML 6Page - Maxim Integrated Products MAX306C/D Datasheet HTML 7Page - Maxim Integrated Products MAX306C/D Datasheet HTML 8Page - Maxim Integrated Products MAX306C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
COM On-Leakage Current
(Note 5)
ICOM(ON)
VCOM = ±10V,
VNO = ±10V,
Sequence
each switch on
MAX306
TA = +25°C
-0.75
+0.02
+0.75
nA
TA = TMIN
to TMAX
C, E
-25
+25
M
-50
+50
MAX307
TA = +25°C
-0.75
+0.02
+0.75
TA = TMIN
to TMAX
C, E
-12.5
+12.5
M
-25
+25
INPUT
Input Current with
Input Voltage High
IAH
VA = 2.4V or 15V
-1.0
+1.0
µA
Input Current with
Input Voltage Low
IAL
VEN = 0V or 2.4V, VA = 0V
-1.0
+1.0
µA
SUPPLY
Power-Supply Range
±4.5
±20
V
Positive Supply Current
I+
VEN = VA = 0V or 5.0V
TA = +25°C
16
30
µA
TA = TMIN to TMAX
75
VEN = 2.4V,
VA(ALL) = 0V
TA = +25°C
0.075
0.5
mA
TA = TMIN to TMAX
1
Negative Supply Current
I-
VEN = 2.4V,
VA(ALL) = 0V
TA = +25°C
-1
+1
µA
TA = TMIN to TMAX
-10
+10
DYNAMIC
Transition Time (Note 3)
tTRANS
Figure 2
TA = +25°C
110
300
ns
TA = TMIN to TMAX
400
Break-Before-Make Interval
tOPEN
Figure 4
TA = +25°C
10
40
ns
Enable Turn-On Time
(Note 3)
tON(EN)
Figure 3
TA = +25°C
130
200
ns
TA = TMIN to TMAX
400
Enable Turn-Off Time
(Note 3)
tOFF(EN) Figure 3
TA = +25°C
55
150
ns
TA = TMIN to TMAX
300
Charge Injection
(Note 3)
Q
CL = 1.0nF,
VNO = 0V,
RS = 0Ω, Figure 5
TA = +25°C
2
10
pC
Off-Isolation
(Note 6)
VISO
VEN = 0V,
RL = 1kΩ,
fSW = 100kHz, Figure 6
TA = +25°C
-69
dB
Crosstalk Between
Channels
VCT
VEN = 2.4V,
fSW = 100kHz,
VGEN = 1VP-P,
RL = 1kΩ, Figure 7
TA = +25°C
-92
dB
Logic Input Capacitance
CIN
fSW = 1MHz
TA = +25°C
8
pF
MAX306/MAX307
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics—Dual Supplies (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com