Electronic Components Datasheet Search
  English  ▼

X  

MAX5705 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX5705
Description  Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5705 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX5705 Datasheet HTML 16Page - Maxim Integrated Products MAX5705 Datasheet HTML 17Page - Maxim Integrated Products MAX5705 Datasheet HTML 18Page - Maxim Integrated Products MAX5705 Datasheet HTML 19Page - Maxim Integrated Products MAX5705 Datasheet HTML 20Page - Maxim Integrated Products MAX5705 Datasheet HTML 21Page - Maxim Integrated Products MAX5705 Datasheet HTML 22Page - Maxim Integrated Products MAX5705 Datasheet HTML 23Page - Maxim Integrated Products MAX5705 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MAX5703/MAX5704/MAX5705
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output
Voltage DACs with Internal Reference and SPI Interface
20
Maxim Integrated
REF Command
The REF (B[23:20] = 0010) command updates the global
reference setting used for the DAC. Set B[17:16] = 00 to
use an external reference for the DAC or set B[17:16] to
01, 10, or 11 to select either the 2.5V, 2.048V, or 4.096V
internal reference, respectively.
If RF3 (B19) is set to zero (default) in the REF command,
the REF I/O will not be driven by the internal reference
circuit, saving current. If RF3 is set to one, the REF I/O
will be driven by the internal reference circuit, consuming
an additional 25FA (typ) of current when the reference is
powered; when the reference is powered down, the REF
I/O will be high-impedance.
If RF2 (B18) is set to zero (default) in the REF command,
the reference will be powered down any time the DAC
is powered down (in STANDBY mode). If RF2 (B18) is
set to one, the reference will remain powered even if the
DAC is powered down, allowing continued operation of
external circuitry. In this mode, the 1FA shutdown state is
not available. See Table 3.
SOFTWARE Commands
The SOFTWARE (B[23:20] = 0011) commands provide
a means of issuing several flexible software actions. See
Table 4.
The SOFTWARE Command Action Mode is selected by
B[18:16]:
END (000):
Used to end any active gate operation,
returning to normal operation (default).
GATE (001):
DAC contents will be gated to their
DEFAULT selected values until the gate
condition is removed.
CLEAR (100):
All CODE and DAC contents will be
cleared to their DEFAULT selected
values.
RESET (101):
All
CODE,
DAC,
RETURN,
and
configuration registers reset to their
power-up defaults (including REF,
POWER,
and
CONFIG
settings),
simulating a power cycle reset.
OTHER:
No effect.
Table 3. REF (0010) Command Format
Table 4. SOFTWARE (0011) Command Format
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9
B8 B7 B6 B5 B4 B3 B2 B1 B0
0
0
1
0
RF3 RF2 RF1 RF0 X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
REF COMMAND
Ref Mode:
00 = EXT
01 = 2.5V
10 = 2.0V
11 = 4.0V
Don’t Care
Don’t Care
DEFAULT VALUES
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9
B8 B7 B6
B5
B4
B3 B2
B1
B0
0
0
1
1
X
SW2 SW1 SW0 X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
SOFTWARE
COMMANDS
Mode:
000: END
001: GATE
100: CLR
101: RST
Other: No
Effect
Don’t Care
Don’t Care
DEFAULT VALUES
X
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com