Electronic Components Datasheet Search
  English  ▼

X  

MAX5705 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5705
Description  Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5705 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5705 Datasheet HTML 17Page - Maxim Integrated Products MAX5705 Datasheet HTML 18Page - Maxim Integrated Products MAX5705 Datasheet HTML 19Page - Maxim Integrated Products MAX5705 Datasheet HTML 20Page - Maxim Integrated Products MAX5705 Datasheet HTML 21Page - Maxim Integrated Products MAX5705 Datasheet HTML 22Page - Maxim Integrated Products MAX5705 Datasheet HTML 23Page - Maxim Integrated Products MAX5705 Datasheet HTML 24Page - Maxim Integrated Products MAX5705 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MAX5703/MAX5704/MAX5705
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output
Voltage DACs with Internal Reference and SPI Interface
21
Maxim Integrated
Table 5. POWER (0100) Command Format
Table 6. Selectable DAC Output Impedance in Power-Down Mode
POWER Command
The MAX5703/MAX5704/MAX5705 feature a software-
controlled POWER mode command (B[23:20] = 0100).
In power-down, the DAC output is disconnected from
the buffer and is grounded with either one of the two
selectable internal resistors or set to high impedance.
See Table 5 and Table 6 for the selectable internal
resistor values in power-down mode. In power-down
mode, the DAC register retains its value so that the
output is restored when the device powers up. The serial
interface remains active in power-down mode with all
registers accessible.
In power-down mode, the internal reference can be
powered down or it can be set to remain powered-on for
external use. Also, in power-down mode, parts using the
external reference do not load the REF pin. See Table 5.
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9
B8
B7 B6
B5
B4
B3
B2
B1
B0
0
1
0
0
X
X
X
X
X
X
X
X
X
X
X
X PD1 PD0 X
X
X
X
X
X
POWER
COMMAND
Don’t Care
Don’t Care
Power
Mode:
00 =
Normal
01 = 1kI
10 =
100kI
11 = Hi-Z
Don’t Care
DEFAULT VALUES
X
X
X
X
X
X
X
X
X
X
X
X
0
0
X
X
X
X
X
X
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
PD1 (B7)
PD0 (B6)
OPERATING MODE
0
0
Normal operation
0
1
Power-down with internal 1kI pulldown resistor to GND.
1
0
Power-down with internal 100kI pulldown resistor to GND.
1
1
Power-down with high-impedance output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com