Electronic Components Datasheet Search
  English  ▼

X  

LT8570 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8570
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8570 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8570 Datasheet HTML 11Page - Analog Devices LT8570 Datasheet HTML 12Page - Analog Devices LT8570 Datasheet HTML 13Page - Analog Devices LT8570 Datasheet HTML 14Page - Analog Devices LT8570 Datasheet HTML 15Page - Analog Devices LT8570 Datasheet HTML 16Page - Analog Devices LT8570 Datasheet HTML 17Page - Analog Devices LT8570 Datasheet HTML 18Page - Analog Devices LT8570 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT8334
15
Rev. 0
For more information www.analog.com
For the bulk C component, which also contributes 1% to
the total ripple is given by Equation 15.
COUT ≥
IO(MAX)
0.01 • VOUT • fOSC
(15)
The output capacitor in a boost regulator experiences high
RMS ripple currents, as shown in Figure 4. The RMS rip-
ple current rating of the output capacitor can be deter-
mined with Equation 16.
IRMS(COUT) ≥ ID(MAX) •
DMAX
1
− DMAX
(16)
Multiple capacitors are often paralleled to meet ESR
requirements. Typically, once the ESR requirement is sat-
isfied, the capacitance is adequate for filtering and has the
required RMS current rating. Additional ceramic capaci-
tors in parallel are commonly used to reduce the effect of
parasitic inductance in the output capacitor, which reduces
high frequency switching noise on the converter output.
CERAMIC CAPACITORS
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8334 due to their piezoelectric
nature. When in Burst Mode operation, the LT8334’s
switching frequency depends on the load current, and
at very light loads the LT8334 can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LT8334 operates at a lower current limit during
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this is unacceptable, use a high performance
tantalum or electrolytic capacitor at the output. Low noise
ceramic capacitors are also available.
Table 3. Ceramic Capacitor Manufacturers
Taiyo Yuden
www.ty-top.com
AVX
www.avx.com
Murata
www.murata.com
BOOST CONVERTER: DIODE SELECTION
A Schottky diode is recommended for use with the
LT8334. Low leakage Schottky diodes are necessary when
low quiescent current is desired at low loads. The diode
leakage appears as an equivalent load at the output and
should be minimized. Choose Schottky diodes with suf-
ficient reverse voltage ratings for the target applications.
Table 4. Recommended Schottky Diodes
PART NUMBER
AVERAGE
FORWARD
CURRENT
(A)
REVERSE
VOLTAGE
(V)
REVERSE
CURRENT
(µA)
MANUFACTURER
DFLS240
2
40
20
Diodes, Inc.
PMEG4050EP
5
40
60
Nexperia
PMEG3020DEP
2
30
15
Nexperia
PMEG4020EPA
2
40
20
Nexperia
BOOST CONVERTER: LAYOUT HINTS
The high speed operation of the LT8334 demands careful
attention to board layout. Careless layout will result in per-
formance degradation. Figure 5 shows the recommended
component placement for a boost converter. Note the vias
under the exposed pad. These should connect to a local
ground plane for better thermal performance.
VOUT
8334 F05
SW1
EN
BIAS
GND
VIN
VC
INTVCC
SYNC
SS
RT
FBX
VIN
11
10
9
8
7
2
SW2
NC
12
1
3
4
5
6
VOUT
VIN
Figure 5. Suggested Boost Converter Layout
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com