Electronic Components Datasheet Search
  English  ▼

X  

LT8570 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8570
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8570 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8570 Datasheet HTML 14Page - Analog Devices LT8570 Datasheet HTML 15Page - Analog Devices LT8570 Datasheet HTML 16Page - Analog Devices LT8570 Datasheet HTML 17Page - Analog Devices LT8570 Datasheet HTML 18Page - Analog Devices LT8570 Datasheet HTML 19Page - Analog Devices LT8570 Datasheet HTML 20Page - Analog Devices LT8570 Datasheet HTML 21Page - Analog Devices LT8570 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8334
18
Rev. 0
For more information www.analog.com
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT + VIN(MAX) by a safety
margin (a 10V safety margin is usually sufficient). The
power dissipated by the diode is given by Equation 30.
PD = IO(MAX) • VD
(30)
where VD is diode’s forward voltage drop, and the diode
junction temperature given by Equation 31.
TJ = TA + PD • RθJA
(31)
The RθJA used in this equation normally includes the RθJC
for the device, plus the thermal resistance from the board
to the ambient temperature in the enclosure. TJ must not
exceed the diode maximum junction temperature rating.
SEPIC Converter: Output and Input Capacitor Selection
The selections of the inductor, output diode and input
capacitor of an inverting converter are like those of the
SEPIC converter. Please refer to the corresponding SEPIC
converter sections.
SEPIC Converter: Selecting the DC Coupling Capacitor
The DC voltage rating of the DC coupling capacitor (CDC,
as shown in Figure 6) should be larger than the maximum
input voltage (Equation 32).
VCDC > VIN(MAX)
(32)
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS rating
of the coupling capacitor is determined with Equation 33.
IRMS(CDC) > ID(MAX) •
VOUT + VD
VIN(MIN)
(33)
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
APPLICATIONS INFORMATION
INVERTING CONVERTER APPLICATIONS
The LT8334 can be configured as a dual-inductor invert-
ing topology, as shown in Figure 8. The VOUT to VIN ratio
is given by Equation 34.
⎜VOUT⎜ − VD
VIN
=
D
1
− D
(34)
in continuous conduction mode (CCM)
D1
CDC
CIN
COUT
L1
L2
VOUT
GND
LT8334
SW
VIN
8334 F08
+
–
+
–
Figure 8. A Simplified Inverting Converter
For an inverting converter operating in CCM, the duty
cycle of the main switch can be calculated based on the
negative output voltage (VOUT) and the input voltage (VIN).
The maximum duty cycle (DMAX) occurs when the con-
verter has the minimum input voltage (Equation 35).
DMAX =
⎜VOUT⎜ − VD
⎜VOUT⎜ − VD − VIN(MIN)
(35)
Conversely, the minimum duty cycle (DMIN) occurs when
the converter operates at the maximum input voltage
(Equation 36).
DMIN =
⎜VOUT⎜ + VD
⎜VOUT⎜ + VD + VIN(MAX)
(36)
Be sure to check that DMAX and DMIN obey Equation 37.
DMAX < 1 – Minimum Off-Time(MAX) • fOSC(MAX)
and
DMIN > Minimum On-Time(MAX) • fOSC(MAX)
(37)
where Minimum Off-Time, Minimum On-Time and fOSC
are specified in the Electrical Characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com