Electronic Components Datasheet Search
  English  ▼

X  

LT8570 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8570
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8570 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8570 Datasheet HTML 16Page - Analog Devices LT8570 Datasheet HTML 17Page - Analog Devices LT8570 Datasheet HTML 18Page - Analog Devices LT8570 Datasheet HTML 19Page - Analog Devices LT8570 Datasheet HTML 20Page - Analog Devices LT8570 Datasheet HTML 21Page - Analog Devices LT8570 Datasheet HTML 22Page - Analog Devices LT8570 Datasheet HTML 23Page - Analog Devices LT8570 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8334
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
10/21
www.analog.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT8300
100VIN Micropower Isolated Flyback
Converter with 150V/260mA Switch
VIN = 6V to 100V, Low IQ Monolithic No-Opto Flyback, 5-Lead TSOT-23.
LT8330
60V, 1A, Low IQ Boost/SEPIC/Inverting
2MHz Converter
VIN = 3V to 40V, VOUT(MAX) = 60V, IQ = 6µA (Burst Mode Operation), 6-Lead TSOT-23,
3mm × 2mm DFN Packages.
LT8331
Low IQ Boost/SEPIC/Flyback/Inverting
Converter with 140V/0.5A Switch
VIN = 4.5V to 100V, VOUT(MAX) = 140V, IQ = 6µA (Burst Mode Operation), MSOP-16(12)E.
LT8335
28V, 2A, Low IQ Boost/SEPIC/Inverting
2MHz Converter
VIN = 3V to 25V, VOUT(MAX) = 25V, IQ = 6µA (Burst Mode Operation), 3mm × 2mm
DFN Package.
LT8333
Low IQ Boost/SEPIC/Inverting
Converter with 3A, 40V Switch
VIN = 2.8V to 40V, VOUT(MAX) = 40V, IQ = 9µA (Burst Mode Operation), 3mm × 3mm
DFN Package.
LT8362
Low IQ Boost/SEPIC/Inverting
Converter with 2A, 60V Switch
VIN = 2.8V to 60V, VOUT(MAX) = 60V, IQ = 9µA (Burst Mode Operation), 12-Lead MSE16,
3mm × 3mm DFN Packages.
LT8364
Low IQ Boost/SEPIC/Inverting
Converter with 4A, 60V Switch
VIN = 2.8V to 60V, VOUT(MAX) = 60V, IQ = 9µA (Burst Mode Operation), 12-Lead MSE16,
4mm × 3mm DFN Packages.
LT8494
70V, 2A Boost/SEPIC 1.5MHz High
Efficiency Step-Up DC/DC Converter
VIN = 1V to 60V (2.5V to 32V Start-Up), VOUT(MAX) = 70V, IQ = 3µA (Burst Mode Operation),
ISD = <1µA, 20-Lead TSSOP.
LT8570/LT8570-1
65V, 500mA/250mA Boost/Inverting
DC/DC Converter
VIN(MIN) = 2.55V, VIN(MAX) = 40V, VOUT(MAX) = ±60V, IQ = 1.2mA, ISD = <1mA,
3mm × 3mm DFN-8, MSOP-8E.
TYPICAL APPLICATION
2MHz, 4V to 20V Input, 24V Output Boost Converter
R2
71.5k
R3
20.0k
2MHz
1M
R1
R4
39k
C1
10µF
C2
10µF
×2
C4
0.1µF
C5
1nF
C6
1µF
D1
L1
2.2µH
VIN
4V TO 20V
D1: NEXPERIA PMEG4030ER
L1: COILCRAFT XGL4020-222
VOUT
24V
820mA AT VIN = 5V
2A
AT VIN = 12V
2.75A AT VIN = 16V
RT
SS
GND
SYNC/MODE
VC
LT8334
EN/UVLO
INTVCC
BIAS
FBX
VIN
SW
8334 TA02a
VIN = 5V
VIN = 12V
LOAD CURRENT (A)
0.001
0.01
0.1
1
3
50
55
60
65
70
75
80
85
90
95
100
8334 TA02b
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com