Electronic Components Datasheet Search
  English  ▼

X  

LTC4284 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4284
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4284 Datasheet(HTML) 4 Page - Analog Devices

  LTC4284 Datasheet HTML 1Page - Analog Devices LTC4284 Datasheet HTML 2Page - Analog Devices LTC4284 Datasheet HTML 3Page - Analog Devices LTC4284 Datasheet HTML 4Page - Analog Devices LTC4284 Datasheet HTML 5Page - Analog Devices LTC4284 Datasheet HTML 6Page - Analog Devices LTC4284 Datasheet HTML 7Page - Analog Devices LTC4284 Datasheet HTML 8Page - Analog Devices LTC4284 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4238
4
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFETBAD(TH)
VDD – SOURCE FET-Bad Threshold
l
80
100
120
mV
VSTRESS(TH)
VDD – SOURCE Low Stress Threshold
l
1.6
2
2.4
V
ISOURCE
SOURCE Input Current
VSOURCE = 48V
l
10
40
300
µA
tDL(UV)
Debounce Turn-On Propagation Delay
UV Turn-On
l
30
40
50
ms
tDL(OV)
Turn-On Propagation Delay
OV Turn-On
l
25
50
µs
tDL(PG)
Power Good Delay
l
1
3
µs
VCONFIG1/2
Input High Threshold
l
INTVCC
– 0.8
INTVCC
– 0.5
INTVCC
– 0.2
V
Input Low Threshold
l
0.2
0.5
0.8
V
ICONFIG
CONFIG Sink or Source Current
CONFIG = 0 to INTVCC
l
±20
µA
VISET(TH)
ISET Threshold Error
(Note 4)
l
±150
mV
IISET
ISET Input Current
V = 0, 5V
l
0
±1
µA
Other Pin and Functions
VOL
PG, FLT# Output Low Voltage
I = 2mA
l
0.3
0.4
V
IOH
PG, FLT# Leakage Current
V = 80V
l
0
±1
µA
RVDSFB
Resistance Between VDD and VDSFB Pins
Gate On
l
90
120
150
kΩ
IVDSFB
VDSFB Input Current
Gate Off
l
0
±1
µA
ICOMM
COMM Source Current
V = 2.5V, Gate On and in Current Limit
l
–3.5
–5
–6.5
µA
COMM Sink Current
V = 2.5V, Gate Off
l
3
mA
VCOMM(SERVO)
COMM Servo Voltage
LSSS Start-Up
l
0.35
0.8
0.9
V
Gate Fully On, Not in Current Limit
l
2.3
2.5
2.7
V
VCOMM(TH)
COMM High Threshold
In Current Limit
l
INTVCC
– 2
INTVCC
– 1.5
INTVCC
– 0.85
V
COMM Low Threshold
Gates On, Not in LSSS
l
0.9
1.4
1.9
V
COMM LSSS Threshold
Gate On, in LSSS
l
0.1
0.2
0.3
V
VTMR(H)
TMR, TMRFET High Threshold
Rising (Note 5)
l
2.50
2.56
2.62
V
VTMR(L)
TMR, TMRFET Low Threshold
Falling (Note 5)
l
0.16
0.2
0.24
V
ITMR(UP)
TMR (ILIM), TMRFET Pull Up Current
VTIMER = 0V
l
–16.5
–20
–22
µA
TMR (SOA) Pull Up Current
ΔVSNS = 0V and VDD – VVDSFB = 0V
l
±1
µA
ΔVSNS = 10mV and VDD – VVDSFB = 6V
l
–90
–100
–110
µA
ΔVSNS = 20mV and VDD – VVDSFB = 50mV l
–2.5
–1.4
1
µA
ITMR(DN)
TMR(ILIM) Pull Down Current
VTMR = 2.56V
l
3
5
7
µA
ITMRFET(DN)
TMRFET Pull Down Current
VTMRFET = 2.56V
l
0.2
0.5
0.8
mA
DOC
Overcurrent Auto-Retry Duty Cycle
l
0.04
0.08
0.12
%
DFETBAD
FETBAD Auto-Retry Duty Cycle
l
0.8
1.6
2.4
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive. All voltages are referenced to
GND unless otherwise specified.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 48V unless otherwise noted.
Note 3: Internal clamps limit the GATE pin to a minimum of 10V above or
0.3V below SOURCE. Driving this pin to voltages beyond the clamp may
damage the device.
Note 4: See Table 1 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com