Electronic Components Datasheet Search
  English  ▼

X  

LTC4284 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4284
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4284 Datasheet(HTML) 2 Page - Analog Devices

  LTC4284 Datasheet HTML 1Page - Analog Devices LTC4284 Datasheet HTML 2Page - Analog Devices LTC4284 Datasheet HTML 3Page - Analog Devices LTC4284 Datasheet HTML 4Page - Analog Devices LTC4284 Datasheet HTML 5Page - Analog Devices LTC4284 Datasheet HTML 6Page - Analog Devices LTC4284 Datasheet HTML 7Page - Analog Devices LTC4284 Datasheet HTML 8Page - Analog Devices LTC4284 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4238
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VDD ...................................................... –0.3V to 100V
INTVCC.................................................. –0.3V to 5.5V
Input Voltages
GATE – SOURCE (Note 3) ...................... –0.3V to 10V
SENSE1+, SENSE1–, SENSE2+,
SENSE2–............................. VDD – 4.5V to VDD + 0.3V
SOURCE, FB, OV, UV, .......................... –0.3V to 100V
VDSFB...........................................–0.3V to VDD +0.3V
TMR, TMRFET, ISET, CONFIG1,
CONFIG2 ...............................–0.3V to INTVCC + 0.3V
(Notes 1 and 2)
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4238CUFD#PBF
LTC4238CUFD#TRPBF
4238
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC4238IUFD#PBF
LTC4238IUFD#TRPBF
4238
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LTC4238HUFD#PBF
LTC4238HUFD#TRPBF
4238
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC4238CGN#PBF
LTC4238CGN#TRPBF
LTC4238GN
24-Lead Plastic SSOP
0°C to 70°C
LTC4238IGN#PBF
LTC4238IGN#TRPBF
LTC4238GN
24-Lead Plastic SSOP
–40°C to 85°C
LTC4238HGN#PBF
LTC4238HGN#TRPBF
LTC4238GN
24-Lead Plastic SSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Output Voltages
GATE, PG, FLT#.................................... –0.3V to 100V
COMM .................................................. –0.3V to 5.5V
Output Currents
INTVCC...............................................................10mA
Operating Junction Temperature Range
LTC4238C................................................ 0°C to 70°C
LTC4238I .............................................–40°C to 85°C
LTC4238H.......................................... –40°C to 125°C
Storage Temperature Range
GN Package ....................................... –65°C to 150°C
UFD Package ..................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C
8
9
TOP VIEW
UFD PACKAGE
24-LEAD (4mm × 5mm) PLASTIC QFN
TJ(MAX) = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 25) PCB GND
ELECTRICAL CONNECTION OPTIONAL
10 11 12
24 23 22 21 20
6
5
4
3
2
1
SENSE2–
SENSE2+
VDD
NC
UV
OV
COMM
VDSFB
NC
PG
FLT#
GND
FB
INTVCC
7
14
15
16
17
18
19
13
25
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN24 PACKAGE
24-LEAD PLASTIC SSOP
TJ(MAX) = 150°C, θJA = 85°C/W
24
23
22
21
20
19
18
17
16
15
14
13
SENSE1–
SENSE1+
SENSE2–
SENSE2+
VDD
NC
UV
OV
COMM
TMR
TMRFET
ISET
GATE1
GATE2
SOURCE
VDSFB
NC
PG
FLT#
GND
FB
INTVCC
CONFIG1
CONFIG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com