Electronic Components Datasheet Search
  English  ▼

X  

LTC4284 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4284
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4284 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4284 Datasheet HTML 20Page - Analog Devices LTC4284 Datasheet HTML 21Page - Analog Devices LTC4284 Datasheet HTML 22Page - Analog Devices LTC4284 Datasheet HTML 23Page - Analog Devices LTC4284 Datasheet HTML 24Page - Analog Devices LTC4284 Datasheet HTML 25Page - Analog Devices LTC4284 Datasheet HTML 26Page - Analog Devices LTC4284 Datasheet HTML 27Page - Analog Devices LTC4284 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC4238
24
Rev. 0
For more information www.analog.com
current limit comparator engages at 3× the current limit
threshold and has a propagation delay of 500ns. If the
supply inductance is less than 2000nH in a 48V applica-
tion, it is unlikely that the VDD UVLO threshold will be
breached and the fast di/dt rate allows the current to rise
to the 3× level long before the UV pin responds.
Once the fast current limit comparator begins to arrest
the short circuit current, the input voltage rapidly recovers
and even overshoots its DC value. The LTC4238 is safe
from damage up to 100V. In card-resident applications
clamp the VDD pin with a surge suppressor Z1, as shown
in Figure 1. To minimize spikes in backplane resident
applications, bypass the LTC4238 input supply with an
electrolytic capacitor between VDD and GND.
In the worst case, Z1 has to absorb the high current that
triggers the fast current limit comparator. Several surge
suppressors may be required to clamp this current for
high power applications. In applications where a solid
ground is not available to connect the surge suppressor,
it may be connected from input to output, allowing the
output capacitance to absorb spikes. In 12V applications,
many 20V to 30V MOSFETs enter avalanche breakdown
before 50V. In such a case, the MOSFET can also act as
a surge suppressor and protect the Hot Swap controller
from inductive input voltage surges.
Design Examples
The design flow starts with specifying the maximum load
power and the operating voltage limits. If redundant sup-
plies are used, the system usually has wide supply range
and can experience large input steps when switching. An
operation mode is then selected based on the approximate
guideline in Table 4.
APPLICATIONS INFORMATION
50k
INTVCC
LTC4238
GATE
RS
COMM
48V
4238 F09
PROCHOTB
1M
Figure 9. Current Limit/PROCHOT Indication Using the COMM Pin
faults. When using thermal networks, each individual part
has its own thermal network and may generate a thermal
fault regardless of the state of the COMM pin.
When multiple LTC4238s work together by having COMM
pins connected, care must be taken to make sure all the
LTC4238s see the same solid ground potential. Ground
bounce could corrupt COMM function or possibly damage
the LTC4238 if the absolute maximum rating is violated.
Putting a current limiting resistor in series with the COMM
pins, or putting a Schottky or capacitor between COMM
and ground next to LTC4238 may mitigate ground noise.
The COMM pin may also be used as a current limit or
processor hot (PROCHOTB) indicator for a single or mul-
tiple LTC4238s, if the group is in current limit, the pin is
pulled to INTVCC. A PNP and resistor circuit can convert
this signal to a logic signal, as shown in Figure 9.
Table 4. The Guideline for Mode Selection
Mode
Power Level
Supply Range
Single Driver
<800W
Narrow or Wide
Parallel
<1500W
Narrow or Wide
HSSS
>1500W
Wide
LSSS
>1500W
Narrow
Two or More LTC4238
Using the COMM Pin
>3000W
Supply Transients
In card-resident applications, output short circuits work-
ing against the inductive nature of the supply can easily
cause the input voltage to dip below the UV threshold.
In severe cases where the supply inductance is 500nH or
more, the input can dip below the VDD undervoltage lock-
out threshold of 5.5V. It is possible for the UV comparator
or, the VDD UVLO circuit to respond before the current
reaches the current limit threshold. Adding a 100nF filter
capacitor to the UV pin ensures that the UV compara-
tor responds after current limiting commences. The fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com