Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4151
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 5 Page - Analog Devices

  LTC4151 Datasheet HTML 1Page - Analog Devices LTC4151 Datasheet HTML 2Page - Analog Devices LTC4151 Datasheet HTML 3Page - Analog Devices LTC4151 Datasheet HTML 4Page - Analog Devices LTC4151 Datasheet HTML 5Page - Analog Devices LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
LTC4283
5
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Drain Monitor
VD,PG(TH)
DRAIN Input Threshold for Power Good
DRAIN Falling
l
2
2.05
2.1
V
∆VD,PG(HYST) DRAIN Input Hysteresis for Power Good
20
mV
VD,FET(TH)
DRAIN Input Threshold for FET Bad Timer
and TMR Pull-Up Current (Table 11)
DRAIN Rising, VDTH = 00b – 11b
l
±10
%
∆VD,FET(HYST) DRAIN Input Hysteresis with VD,FET(TH)
10
mV
IDRAIN
DRAIN Input Current
VDRAIN = 200mV
l
0
±0.1
µA
VDRAIN = 2 V
l
0
±1
µA
Current Limit
VILIM
Current Limit Voltage DAC Zero-Scale
ILIM = 0000b
l
14.5
15
15.5
mV
Current Limit Voltage DAC Full-Scale
ILIM = 1111b
l
29
30
31
mV
Current Limit Voltage DAC INL
l
0
±50
µV
aSTARTUP
Current Limit Foldback Factor at Startup
RTNS = 1.8V, DRNS = 0, 1.8V FB = 01b
l
45
50
55
%
FB = 10b
l
16
20
24
%
FB = 11b
l
7
10
13
%
aNORMAL
Current Limit Foldback Factor in Normal
Operation
RTNS = DRNS = 1.8V
FB = 01b
l
45
50
55
%
FB = 10b
l
15
20
26
%
FB = 11b
l
6
10
16
%
VILIM(FAST)
Fast Pull-Down Sense Threshold Voltage ILIM = 0000b
l
20
30
40
mV
ILIM = 1111b
l
47
60
70
mV
ISENSE+
SENSE+ Input Current
SENSE+ = 33mV
l
0
±1
µA
ISENSE–
SENSE– Input Current
SENSE– = SENSE+ = 0
l
–8
–17
–35
µA
Circuit Breaker/SOA Timer
ITMR(UP)
TMR Pull-Up Current in Current Limit
Onset
DRNS = 0V, TMR = 1V
l
–1.5
–2
–2.5
µA
Startup in Foldback
dV/dt Control Disabled,
DRNS = 1.8V, TMR = 1V
FB = 00b
l
–192
–202
–212
µA
FB = 01b
l
–96
–102
–108
µA
FB = 10b
l
–39
–42
–45
µA
FB = 11b
l
–20
–22
–24
µA
Startup in dV/dt
dV/dt Control Enabled, DRNS = 1.8V,
TMR = 1V
l
–192
–202
–212
µA
Hard Short in Normal Operation
DRNS = 1.8V, TMR = 1V
l
–192
–202
–212
µA
ITMR(DN)
TMR Pull-Down Current
DRAIN < VD,FET(TH) or Start into dV/dt
Control, THERM_TMR = 0, TMR = 1V
l
1.6
2
2.3
µA
ITMR(RST)
TMR Reset Current
EN# = High, TMR = 1V
l
3
5
8
mA
VTMRH(TH)
TMR Fault Threshold
TMR Rising
l
2.028
2.048
2.068
V
VTMRH(HYST) TMR Fault Hysteresis
20
mV
VTMRL(TH)
TMR Low Status Threshold
TMR Falling
l
80
100
120
mV
VTMRL(HYST) TMR Low Hysteresis
20
mV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IIN + IVZ = 4mA with VIN Connected to VZ. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com