Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4151
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices LTC4151 Datasheet HTML 10Page - Analog Devices LTC4151 Datasheet HTML 11Page - Analog Devices LTC4151 Datasheet HTML 12Page - Analog Devices LTC4151 Datasheet HTML 13Page - Analog Devices LTC4151 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
LTC4283
10
Rev. B
For more information www.analog.com
GATE Fast Pull-Down Current vs
GATE Voltage
Current Limit Voltage Error vs
ILIM Code
Current Limit Foldback Profiles
SENSE INPUT = 40mV
VILIM(FAST) = 30mV
GATE VOLTAGE (V)
0
2
4
6
8
10
12
0
0.5
1.0
1.5
2.0
2.5
3.0
4283 G07
50 UNITS
ILIM CODE
0
2
4
6
8
10
12
14
16
–2
–1
0
1
2
4283 G08
VILIM = 15mV
VRTNS = 1.8V
FB = 00
01
10
11
LPFB = 0
LPFB = 1
POWER GOOD LATCHED
VRTNS – VDRNS (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
0
5
10
15
20
4283 G09
TYPICAL PERFORMANCE CHARACTERISTICS
Shunt Regulator Voltage vs
Input Current
VZ Input Current vs Temperature
INTVCC Voltage vs Load Current
GATE Output High Voltage vs
Leakage Current
GATE Pull-Down Current vs
SENSE Input Voltage
GATE Turn-Off Time vs
SENSE Input Voltage
VIN INPUT CURRENT (mA)
0
5
10
15
20
25
30
35
11.0
11.2
11.4
11.6
11.8
12.0
4283 G01
IGATE (µA)
0
–25
–50
–75
–100 –125 –150
0
2
4
6
8
10
12
4283 G04
VZ = 15V
VIN = 10.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
1
2
3
4
5
4283 G02
VGATE = 7V, VILIM = 15mV
FAST PULL-DOWN
CURRENT LIMIT
SENSE INPUT VOLTAGE (mV)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
4283 G05
IIN = 35mA
LOAD CURRENT (mA)
0
5
10
15
20
25
30
4.96
4.98
5.00
5.02
5.04
5.06
5.08
4283 G03
GATE FALLING FROM 11.5V TO 3V
FAST PULL-DOWN
CGATE = 100nF
GATE OPEN
SENSE INPUT VOLTAGE (mV)
0
20
40
60
80
100
0.01
0.1
1
10
100
1k
4283 G06
VILIM = 15mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com