Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4151
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 4Page - Analog Devices LTC4151 Datasheet HTML 5Page - Analog Devices LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices LTC4151 Datasheet HTML 10Page - Analog Devices LTC4151 Datasheet HTML 11Page - Analog Devices LTC4151 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
LTC4283
8
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Interface
VADR(H)
ADR0, ADR1 Input High Threshold
l
INTVCC
– 0.85
INTVCC
– 0.55
INTVCC
– 0.25
V
VADR(L)
ADR0, ADR1 Input Low Threshold
l
0.4
0.7
1
V
IADR(IN)
Allowable Leakage Current
l
±10
µA
VALERT#(OL)
ALERT# Output Low Voltage
I = 5mA
l
0.15
0.4
V
VSDAO(OL)
SDAO Output Low Voltage
I = 20mA
l
0.25
0.6
V
ISDAO,ALERT# SDAO, ALERT# Input Current
SDAO, ALERT# = INTVCC
l
0
±1
µA
VSDAI,SCL(TH) SDAI, SCL Input Threshold
l
1.5
1.75
2
V
ISDAI,SCL
SDAI, SCL Input Current
SDAI, SCL = INTVCC
l
0
±1
µA
I2C Interface Timing (Note 6)
fSCL(MAX)
Maximum SCL Clock Frequency
400
kHz
tLOW
Minimum SCL Low Period
0.65
1.3
µs
tHIGH
Minimum SCL High Period
50
600
ns
tBUF(MIN)
Minimum Bus Free Time Between Stop/
Start Condition
0.12
1.3
µs
tHD,STA(MIN)
Minimum Hold Time After (Repeated)
Start Condition
140
600
ns
tSU,STA(MIN)
Minimum Repeated Start Condition
Set-Up Time
30
600
ns
tSU,STO(MIN)
Minimum Stop Condition Set-Up Time
30
600
ns
tHD,DATI(MIN) Minimum Data Hold Time Input
–100
0
ns
tHD,DATO(MIN) Minimum Data Hold Time Output
300
600
900
ns
tSU,DAT(MIN)
Minimum Data Set-Up Time Input
30
100
ns
tSP(MAX)
Maximum Suppressed Spike Pulse Width
50
110
250
ns
tRST
Stuck-Bus Reset Time
SCL or SDAO Held Low
26
30
34
ms
CX
SCL, SDA Input Capacitance
SDAI Tied to SDAO
5
10
pF
Single-Wire Broadcast Timing
fBC
Broadcast Data Rate (Table 11)
l
±10
%
EEPROM
Endurance
1 Cycle = 1 Write (Notes 8, 9)
l
10,000
Cycles
Data Retention
(Notes 8, 9)
l
20
Years
tWRITE
EEPROM Write Time per Byte
l
1.2
2.2
3
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IIN + IVZ = 4mA with VIN Connected to VZ. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com