Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 5Page - Analog Devices LTC4012 Datasheet HTML 6Page - Analog Devices LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices LTC4012 Datasheet HTML 11Page - Analog Devices LTC4012 Datasheet HTML 12Page - Analog Devices LTC4012 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LTC4162-L
9
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Histogram of vbat Readings
Histogram of vout Readings
Histogram of thermistor_voltage
Readings
Histogram of bsr Readings
Histogram of die_temp Readings
Histogram of ibat Readings
Histogram of iin Readings
Histogram of vin Readings
3.699 3.700 3.701 3.702 3.703 3.704 3.705
BATTERY VOLTAGE (V)
0
1000
2000
3000
4000
5000
6000
σ = 512µV
4162L G17
11.93
11.94
11.95
11.96
11.97
11.98
OUTPUT VOLTAGE (V)
0
2000
4000
6000
8000
10000
σ = 2.69mV
4162L G18
24.75
24.80
24.85
24.90
24.95
25.00
THERMISTOR TEMPERATURE (°C)
0
500
1000
1500
2000
2500
3000
σ = 27m°C
4162L G19
198.5 199.0 199.5 200.0 200.5 201.0 201.5
bsr (m)
0
500
1000
1500
2000
2500
4162L G20
σ = 250µ
SNSI
R
=10m
24.8
24.9
25.0
25.1
25.2
die_temp (°C)
0
500
1000
1500
2000
σ = 28m°C
4162L G21
3.2025
3.2035
3.2045
3.2055
3.2065
BATTERY CURRENT (A)
0
2000
4000
6000
8000
10000
σ = 270µA
4162L G22
1.150
1.155
1.160
1.165
1.170
1.175
INPUT CURRENT (A)
0
500
1000
1500
2000
2500
3000
4162L G23
σ = 1.75mA
11.94
11.95
11.96
11.97
11.98
11.99
INPUT VOLTAGE (V)
0
2000
4000
6000
8000
10000
σ = 2.73mV
4162L G24
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com