Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 22Page - Analog Devices LTC4012 Datasheet HTML 23Page - Analog Devices LTC4012 Datasheet HTML 24Page - Analog Devices LTC4012 Datasheet HTML 25Page - Analog Devices LTC4012 Datasheet HTML 26Page - Analog Devices LTC4012 Datasheet HTML 27Page - Analog Devices LTC4012 Datasheet HTML 28Page - Analog Devices LTC4012 Datasheet HTML 29Page - Analog Devices LTC4012 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
LTC4162-L
26
Rev A
For more information www.analog.com
OPERATION
−10
0
10
20
30
40
50
60
70
TEMPERATURE(°C)
4.00
4.05
4.10
4.15
4.20
4.25
4162L F01a
Default JEITA Charge Voltage Profile
−10
0
10
20
30
40
50
60
70
TEMPERATURE(°C)
0
8
16
24
32
40
4162L F01b
Default JEITA Charge Current Profile
Servo Voltage (V
-V
)
CSP CSN
Figure 1. Default JEITA Temperature Profile Gives A Graphical
Representation of the Seven JEITA Regions, the Six Breakpoint
and the Default Values
Battery Charger Termination and Full Charge
Indication (C/x)
The LTC4162 supports several battery charge termination
methods.
Ifenabled,amaximumelapsedchargetimetimerisstarted
at the beginning of each charge cycle and, upon achieving
constant_voltage regulation, a constant-voltage timer is
also started. At the expiration of either of these timers,
charging of the battery will discontinue and no more
current will be delivered. The elapsed time timer expires
when tchargetimer reaches max_charge_time and the
constant-voltage timer expires in constant_voltage when
tcvtimer reaches max_cv_time. Default max_cv_time is
14400 seconds (4 hours). To set different timer expira-
tion values, max_charge_time and max_cv_time are both
adjustable. The resolution of max_cv_time is 1 second/
LSB and for max_charge_time it is 1 minute/LSB.
tcvtimer can be read back to determine the cummulative
time in constant_voltage regulation. max_cv_time is a 16
bit unsigned value ranging from 0 to 65535 seconds (~18
hours). tchargetimer, the total charge time safety timer,
can be read back at any time to determine the elapsed time
sincethebeginningofthischargecycle.max_charge_time
is a 16 bit unsigned value at 1 minute per LSB ranging
from 0 to 65535 minutes (~45 days). The tchargetimer
is disabled when max_charge_time is left at its default
value of 0. To enable the tchargetimer write a non 0 value
to max_charge_time.
max_charge_time_faultindicatesthatcharginghastermi-
nated due to tchargetimer reaching max_charge_time and
timer_term indicates that charging has terminated due to
tcvtimer reaching max_cv_time. The max_charge_time_
fault will persist until either the battery voltage drops to
less than 35% of its target voltage setting, whereupon a
new charge cycle begins and the tchargetimer resets, or
a power cycle occurs resetting the entire charger state
machine. A normal termination such as timer_term
or c_over_x_term also resets tchargetimer. Finally, the
max_charge_time_fault is cleared upon abnormal condi-
tionssuchastheinputvoltagefallingbelowtheBATSENS+
pin voltage, suspend_charger or if any another system
fault occurs: not intvcc_gt_2p8v, not vin_gt_4p2v, not
vin_gt_vbat, thermal_shutdown, no_rt or cell_count_err.
Alternately, if en_c_over_x_term is set, the LTC4162 will
also terminate charging once constant_voltage is reached
and ibat has naturally dropped to the c_over_x_threshold.
The default c_over_x_threshold value of c_over_10 is a
good indication that the battery has reached a nearly full
state of charge. The c_over_x_threshold is adjustable via
the I2C port. If en_c_over_x_term is set, charging will
terminate at the first of either c_over_x_term, timer_term
or max_charge_time_fault. The constant_voltage timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com