Electronic Components Datasheet Search
  English  ▼

X  

LTC2986 Datasheet(PDF) 63 Page - Analog Devices

Part # LTC2986
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2986 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTC2986 Datasheet HTML 59Page - Analog Devices LTC2986 Datasheet HTML 60Page - Analog Devices LTC2986 Datasheet HTML 61Page - Analog Devices LTC2986 Datasheet HTML 62Page - Analog Devices LTC2986 Datasheet HTML 63Page - Analog Devices LTC2986 Datasheet HTML 64Page - Analog Devices LTC2986 Datasheet HTML 65Page - Analog Devices LTC2986 Datasheet HTML 66Page - Analog Devices LTC2986 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
LTM2985
63
Rev. 0
For more information www.analog.com
Figure 37. 4-Wire RTD with Protection Resistors
2985 F37
CH2
CH1
CH3
CH5
CH4
RP1
RP2
ILEAK
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
RP4
RP3
ILEAK
3
4
2
1
RSENSE
EXCITATION
CURRENT
FLOW
2985 F38
CH2
CH1
CH3
CH4
RP1
RP2
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
RP3
2
3
1
RSENSE
EXCITATION
CURRENT
FLOW
I2
I1
Figure 38. 3-Wire RTD with Protection Resistors
3-Wire RTDs
3-wireRTDsaremoredifficulttoprotectthan4-wireRTDs.
Normally, protection resistors are tied to each of the 3
RTD terminals (see Figure 38). The LTM2985 provides
two matched excitation currents, I1 and I2. These currents
flow from CH3 and CH4 through RP2 and RP3 into the
RTD. The resulting voltage is measured between CH3 and
CH4. Assuming RP2 = RP3 and I1 = I2, the errors result-
ing from the protection resistors are cancelled. While the
LTM2985 provides matched current source excitation,
external protection resistors may be difficult to match.
Every 1Ω mismatch in RP2 and RP3 translates to a 1Ω
error in the RTD measurement.
The LTM2985 offers a 3-wire RTD Kelvin current source
modeinordertoremoveerrorsduetomismatchedprotec-
tion resistors. This feature is enabled by setting the global
3-wire RTD Kelvin current excitation mode bit (G4 = 1, see
Table 67) prior to initiating a conversion start. This mode
uses the adjacent channels (in this example CH5 and CH6)
for the current source excitation and performs the mea-
surement on CH3 and CH4 (see Figure 39). Two additional
resistors are placed between the RTD and the channels
tied to the excitation current sources, but the protection
resistor matching constraint is removed for all resistors.
The excitation current no longer flows through RP2 or
RP3, removing the voltage drop across them. Figure 40
shows the channel assignment convention for this mode.
Figure 39. 3-Wire RTD Kelvin Current Mode (G4 = 1)
Figure 40. 3-Wire RTD Kelvin Current Mode Channel
Assignment Convention (G4 = 1)
2985 F39
CH2
CH1
CH3
CH4
RP1
RP2
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
RP3
CH5
RP4
CH6
RP5
2
3
1
RSENSE
EXCITATION
CURRENT
FLOW
I2
I1
ILEAK
ILEAK
2985 F40
2
3
1
EXCITATION
CURRENT
FLOW
CHRSENSE
CHRTD–1
CHRTD+1
CHRTD
CHRTD+2
= CHRTD (2 ≤ RTD ≤ 8)
GLOBAL REGISTER G4 = 1
CHANNEL
ASSIGNMENT
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com