Electronic Components Datasheet Search
  English  ▼

X  

LTC2986 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2986
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2986 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2986 Datasheet HTML 7Page - Analog Devices LTC2986 Datasheet HTML 8Page - Analog Devices LTC2986 Datasheet HTML 9Page - Analog Devices LTC2986 Datasheet HTML 10Page - Analog Devices LTC2986 Datasheet HTML 11Page - Analog Devices LTC2986 Datasheet HTML 12Page - Analog Devices LTC2986 Datasheet HTML 13Page - Analog Devices LTC2986 Datasheet HTML 14Page - Analog Devices LTC2986 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
LTM2985
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
Logic Side
DOUT (B1): Digital Output, Referenced to VL and GND.
Logic output connected to DIN through isolation barrier.
Under the condition of an isolation communication failure
this output is in a high impedance state.
SDO (A2): Serial SPI Digital Output, Referenced to VL and
GND. Under the condition of an isolation communication
failure this output is in a high impedance state.
SCK (A3): Serial SPI Clock Input, Referenced to VL and
GND. Do not float.
SDI (A4): Serial SPI Data Input, Referenced to VL and
GND. Do not float.
CS (A5): Serial SPI Chip Select, Referenced to VL and
GND. Do not float.
SDOE (A6): Serial SPI Data Output Enable, Referenced to
VL and GND. A logic high on SDOE places the logic side
SDO pin in a high impedance state, a logic low enables
the output. Do not float. For multiple SPI devices on the
same bus connect SDOE to CS, otherwise tie to GND.
ON (A7): Enable. Enables power and data communica-
tion through the isolation barrier. If ON is high, the part
is enabled and power and communications are functional
to the isolated side. If ON is low, the logic side is held in
reset, all digital outputs are in a high impedance state and
the isolated side is unpowered. Do not float.
VL (A8, B8): Logic Supply. Interface supply voltage for
pins SDI, SCK, SDO, DOUT, CS, SDOE and ON. Operating
voltage is 1.62V to 5.5V. Internally bypassed with 2.2μF
to GND.
GND (A9, B2 to B7, B9, C1 to C11 ): Circuit Ground.
VCC(A10,A11,B10,B11):IsolatedAnalogPowerSupply.
Internally bypassed with 2.2μF to GND.
DNC (A1): Do Not Connect. Pin connected internally.
Isolated Side
VCC2(R11):5VNominalIsolatedSupplyVoltage.Internally
generated from VCC by an isolated DC/DC converter and
regulated to 5V. Internally bypassed with 2.2μF to GND2.
DIN (T3): Digital Input, Referenced to VCC2 and GND2.
Logic input connected to DOUT through isolation barrier.
The logic state on DIN translates to the same logic state
on DOUT (Do not float).
INT (T2): Interrupt. Transitions from LOW to HIGH once
the conversion is complete. Can be sent to logic side by
shorting to DIN.
GND2 (R8, S6, S8, R10, R3, S3, T1): Isolated Ground.
VREF (S11): Reference output pin. Internally bypassed
with 10µF to GND. Do not load this pin.
DNC (R1, R2, R9,S1, S2, S9, S10, T8, T9, T10, T11):
Do Not Connect. Pin connected internally.
CH1–CH10 (R7, R6, R5, R4, S4, T4, T5, T6, T7, S7 ):
Analog Inputs. May be programmed for single-ended,
differential, or ratio-metric operation. The voltage on
these pins can have any value between GND2 – 50mV and
VCC2 – 0.3V. Unused pins can be grounded or left floating.
COM (S5): Common input, this is the negative input pin
for all single ended operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com