Electronic Components Datasheet Search
  English  ▼

X  

LTC2986 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2986
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2986 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2986 Datasheet HTML 18Page - Analog Devices LTC2986 Datasheet HTML 19Page - Analog Devices LTC2986 Datasheet HTML 20Page - Analog Devices LTC2986 Datasheet HTML 21Page - Analog Devices LTC2986 Datasheet HTML 22Page - Analog Devices LTC2986 Datasheet HTML 23Page - Analog Devices LTC2986 Datasheet HTML 24Page - Analog Devices LTC2986 Datasheet HTML 25Page - Analog Devices LTC2986 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
LTM2985
22
Rev. 0
For more information www.analog.com
BitsB4toB0determinewhichinputchanneltheconversion
is performed upon and are simply the binary equivalent
of the channel number (see Table 7). These bits are also
usedforEEPROMreadandwriteoperations(seeTable 12).
Bit B5 should be set to 0.
Bits B7 and B6 serve as start/done bits. In order to start
a conversion, these bits must be set to “10” (B7=1 and
B6=0). When the conversion begins, the INT pin goes
LOW. Once the conversion is complete, bits B7 and B6
will toggle to “01” (B7=0 and B6=1) (Address = 0x000)
and the INT pin will go HIGH, indicating the conversion is
complete and the result is available.
State 4: Conversion
The measurement cycle starts after the Initiate Conversion
command is written into RAM location 0x000 (Table 6).
TheLTM2985simultaneouslymeasurestheselectedinput
sensor, sense resistors (RTDs and thermistors) and cold
junction temperatures if applicable (thermocouples).
Once the conversion is started, the user is locked out of
the RAM, with the exception of reading status data stored
in RAM memory location 0x000.
Once the conversion is started the INT pin goes low.
Depending on the sensor configuration, two or three
82ms cycles are required per temperature result. These
correspond to conversion rates of 167ms and 251ms,
respectively (assuming a filter frequency setting of 55Hz).
Details describing these modes are described in the 2- and
3-cycle Conversion Modes section of the data sheet.
The end of conversion can be monitored either through
the INT pin (LOW to HIGH transition), or by reading the
command status register in RAM memory location 0x000
(start bit, B7, toggles from 1 to 0 and DONE bit, B6, toggles
from 0 to 1).
APPLICATIONS INFORMATION
State 5: Read Results
Once the conversion is complete, the conversion results
can be read from RAM memory locations corresponding
to the input channel (see Table 8).
The conversion result is 32 bits long and contains both
the sensor temperature (D23 to D0) and sensor fault data
(D31 to D24) (see Tables 9A and 9B).
The result is reported in °C for all temperature sensors
with a range of –273.15°C to 8192°C and 1/1024°C
resolution or in °F with a range of –459.67°F to 8192°F
with 1/1024°F resolution. Included with the conversion
result are seven sensor fault bits and a valid bit. These
sensor fault bits are set to a 1 if there was a problem
associated with the corresponding conversion result
(see Table  10). Two types of errors are reported: hard
errors and soft errors. Hard errors indicate the reading is
invalid and the resulting temperature reported is –999°C
or °F. Soft errors indicate operation beyond the normal
temperature range of the sensor or the input range of the
ADC. In this case, the calculated temperature is reported
but the accuracy may be compromised. Details relating
to each fault type are sensor specific and are described
in detail in the sensor specific sections of this data sheet.
Bit D24 is the valid bit and will be set to a 1 for valid data.
Oncethedatareadiscomplete,thedeviceisreadyforanew
InitiateConversioncommand.Incaseswherenewchannel
configuration data is required, the user has access to the
RAM in order to modify existing channel assignment data.
Table 8. Conversion Result Memory Map
CONVERSION
CHANNEL
START
ADDRESS
END ADDRESS SIZE (BYTES)
CH1
0x010
0x013
4
CH2
0x014
0x017
4
CH3
0x018
0x01B
4
CH4
0x01C
0x01F
4
CH5
0x020
0x023
4
CH6
0x024
0x027
4
CH7
0x028
0x02B
4
CH8
0x02C
0x02F
4
CH9
0x030
0x033
4
CH10
0x034
0x037
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com