Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 2 Page - Analog Devices

  LTC7802 Datasheet HTML 1Page - Analog Devices LTC7802 Datasheet HTML 2Page - Analog Devices LTC7802 Datasheet HTML 3Page - Analog Devices LTC7802 Datasheet HTML 4Page - Analog Devices LTC7802 Datasheet HTML 5Page - Analog Devices LTC7802 Datasheet HTML 6Page - Analog Devices LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC7819
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 40V
BOOST1, BOOST2, BOOST3....................... –0.3V to 46V
Switch Voltage (SW1, SW2, SW3) ................ –5V to 40V
RUN1, RUN2, RUN3 Voltages..................... –0.3V to 40V
EXTVCC Voltage ......................................... –0.3V to 30V
INTVCC Voltage ............................................ –0.3V to 6V
(BOOST1-SW1), (BOOST2-SW2),
(BOOST3-SW3)............................................ –0.3V to 6V
SENSE1+, SENSE1– Voltages...................... –0.3V to 40V
SENSE2+, SENSE2– Voltages ..................... –0.3V to 40V
SENSE3+, SENSE3– Voltages..................... –0.3V to 40V
TRACK/SS1, VFB1 Voltages.......................... –0.3V to 6V
TRACK/SS2, VFB2 Voltages.......................... –0.3V to 6V
TRACK/SS3, VFB3 Voltages.......................... –0.3V to 6V
ITH1, ITH2, ITH3 Voltages............................ –0.3V to 2V
MODE, PGOOD1, PGOOD2 Voltages ............ –0.3V to 6V
PGOOD3, VPRG1 Voltages........................... –0.3V to 6V
PLLIN/SPREAD, FREQ Voltages................... –0.3V to 6V
BG1, BG2, BG3, TG1, TG2, TG3.......................... (Note 9)
Operating Junction Temperature Range (Notes 2, 8)
LTC7819R .......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Junction Temperature (TJ) ................... 150°C
(Note 1)
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
TJMAX = 150°C, θJA = 33°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
MODE
TRACK/SS1
SENSE1–
SENSE1+
VFB1
ITH1
PGOOD2
RUN3
RUN2
RUN1
BOOST3
BG3
SW1
TG1
BOOST1
BG1
VIN
EXTVCC
INTVCC
BG2
21
30
10
1
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7819RUJ#PBF
LTC7819RUJ#TRPBF
7819
40-Lead (6mm x 6mm) Plastic QFN
−40°C to 150°C
AUTOMOTIVE PRODUCTS**
LTC7819RUJ#WPBF
LTC7819RUJ#WTRPBF
7819
40-Lead (6mm x 6mm) Plastic QFN
−40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com