Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices LTC7802 Datasheet HTML 27Page - Analog Devices LTC7802 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC7819
24
Rev. 0
For more information www.analog.com
Single Output Multi-Phase Operation
For high power applications, two or more channels can
be operated in a multi-phase single output configuration.
The channels switch 120° out-of-phase, which reduces
the required output capacitance in addition to the required
input capacitance and power supply induced noise.
Channel 1 is always the master channel in a multi-phase
application. Channels 2 or 3 are designated as slave chan-
nels that follow channel 1 if their respective VFB pins are
tied to INTVCC.
To configure for single output 3-phase operation, tie both
VFB2 and VFB3 to INTVCC, ITH2 and ITH3 to ground, and
RUN2 and RUN3 to RUN1. The RUN1, VFB1, ITH1, and
TRACK/SS1 pins then control all three channels, but each
channel uses its own ICMP and IR comparators to moni-
tor their respective inductor currents. Figure 10 is a typical
application configured for single output 3-phase operation.
Similarly, to configure two channels for single output
2-phase with the third channel as a separate independent
output, tie either VFB2 or VFB3 to INTVCC. That channel
will then follow channel 1 as described above, and should
have its ITH pin tied to ground and its RUN pin tied to
RUN1. The third channel can be used as an independent
single-phase output.
INTVCC Regulators
The LTC7819 features two separate internal low dropout
linear regulators (LDOs) that supply power at the INTVCC
pin from either the VIN pin or the EXTVCC pin depending
on the EXTVCC pin voltage. INTVCC powers the MOSFET
gate drivers and most of the internal circuitry. The VIN
LDO and the EXTVCC LDO each regulate INTVCC to 5.1V
and can provide a peak current of at least 100mA.
The INTVCC pin must be bypassed to ground with a
minimum of 4.7μF ceramic capacitor, placed as close as
possible to the pin. An additional 1μF ceramic capacitor
placed directly adjacent to the INTVCC and GND pins is
also highly recommended to supply the high frequency
transient currents required by the MOSFET gate drivers.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the
maximum junction temperature rating for the LTC7819 to
be exceeded. The INTVCC current, which is dominated by
the gate charge current, may be supplied by either the VIN
LDO or the EXTVCC LDO. When the voltage on the EXTVCC
pin is less than 4.8V, the VIN LDO is enabled. Power dissi-
pation for the IC in this case is equal to VIN • IINTVCC. The
gate charge current is dependent on operating frequency
as discussed in the Efficiency Considerations section. The
junction temperature can be estimated by using the equa-
tions given in Note 2 of the Electrical Characteristics. For
example, the LTC7819 INTVCC current is limited to less
than 46mA from a 36V supply when not using the EXTVCC
supply at a 70°C ambient temperature:
TJ = 70°C + (46mA)(36V)(33°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked
while operating in continuous conduction mode (MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.8V, the
VIN LDO is turned off and the EXTVCC LDO is enabled. The
EXTVCC LDO remains on as long as the voltage applied to
EXTVCC remains above approximately 4.5V. The EXTVCC
LDO attempts to regulate the INTVCC voltage to 5.1V, so
while EXTVCC is less than 5.1V, the LDO is in dropout
and the INTVCC voltage is approximately equal to EXTVCC.
When EXTVCC is greater than 5.1V (up to an absolute
maximum of 30V), INTVCC is regulated to 5.1V. Using
the EXTVCC LDO allows the MOSFET driver and control
power to be derived from one of the LTC7819’s switch-
ing regulator outputs (4.8V ≤ VOUT ≤ 30V) during normal
operation and from the VIN LDO when the output is out
of regulation (e.g., start-up, short-circuit). If more current
is required through the EXTVCC LDO than is specified, an
external Schottky diode can be added between the EXTVCC
and INTVCC pins. In this case, do not apply more than 6V
to the EXTVCC pin.
Significant efficiency and thermal gains can be realized
by powering INTVCC from an output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of VOUT/(VIN • Efficiency). For 5V to 30V
regulator outputs, this means connecting the EXTVCC pin
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com