Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 3 Page - Analog Devices

  LTC7802 Datasheet HTML 1Page - Analog Devices LTC7802 Datasheet HTML 2Page - Analog Devices LTC7802 Datasheet HTML 3Page - Analog Devices LTC7802 Datasheet HTML 4Page - Analog Devices LTC7802 Datasheet HTML 5Page - Analog Devices LTC7802 Datasheet HTML 6Page - Analog Devices LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC7819
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply (VIN)
VIN
Input Supply Operating Range
4.5
40
V
IVIN
VIN Current in Regulation
Front Page Circuit, 14V to 3.3V,
No Load, RUN2, 3 = 0V
14
µA
Controller Operation
VOUT1,2,3
Output Voltage Operating Range
0.8
40
V
VFB1,2,3
Regulated Adjustable Output Feedback Voltage
(Note 4) VIN = 4.5V to 40V,
ITH1,2,3 Voltage = 0.6V to 1.2V
0°C to 85°C
l
0.788
0.792
0.800
0.800
0.812
0.808
V
V
VFB1
Regulated Fixed Output Feedback Voltage
(Note 4) VIN = 4.5V to 40V,
ITH1 Voltage = 0.6V to 1.2V
VPRG1 =0V
VPRG1= INTVCC
l
l
3.23
4.9
3.3
5.0
3.37
5.1
V
V
Feedback Current (Channels 2 & 3)
±5
±50
nA
Feedback Current (Channel 1)
VPRG1 = FLOAT
VPRG1 = 0V or INTVCC, in Regulation
±5
1
±50
nA
µA
Feedback Overvoltage Protection Threshold
Measured at VFB1,2,3 Relative to
Regulated VFB1,2,3
7
10
13
%
gm1,2,3
Transconductance Amplifier gm
(Note 4) ITH1,2,3 = 1.2V, Sink/Source = 5μA
1.8
mmho
VSENSE(MAX) Maximum Current Sense Threshold
VFB1,2,3 = 0.7V, VSENSE1,2,3– = 3.3V
l
45
50
55
mV
Matching Between Channels
VSENSE1,2,3– = 3.3V
–3.5
0
3.5
mV
ISENSE1,2,3+
SENSE1,2,3+ Pin Current
VSENSE1,2,3+ = 3.3V
±1
µA
ISENSE1–
SENSE1– Pin Current
VSENSE1– ≤ 2.7V
3.2V ≤ VSENSE1– < INTVCC – 0.5V
VSENSE1– > INTVCC + 0.5V
2
50
700
µA
µA
µA
ISENSE2,3–
SENSE2,3– Pin Current
VSENSE2,3– = 3.3V
VSENSE2,3– > INTVCC + 0.5V
650
±2
µA
µA
Soft-Start Charge Current
VTRACK/SS1,2,3 = 0V
10
12.5
15
µA
RUN Pin ON Threshold
VRUN1,2,3 Rising
l
1.15
1.20
1.25
V
RUN Pin Hysteresis
VRUN1,2,3 Falling
100
mV
DC Supply Current (Note 5)
VIN Shutdown Current
RUN1,2,3 = 0V
1.5
µA
VIN Sleep Mode Current
VSENSE1– < 3.2V, EXTVCC = 0V
One Channel On
All Channels On
15
18
24
30
µA
µA
Sleep Mode Current (Note 3)
Only Channel 1 On
VSENSE1– ≥ 3.2V
VIN Current, EXTVCC = 0V
VIN Current, EXTVCC ≥ 4.8V
EXTVCC Current, EXTVCC ≥ 4.8V
SENSE1– Current
5
1
5
10
9
4
10
18
µA
µA
µA
µA
Sleep Mode Current (Note 3)
All Channels On
VSENSE1– ≥ 3.2V, EXTVCC ≥ 4.8V
VIN Current
EXTVCC Current
SENSE1– Current
1
8
16
4
14
26
µA
µA
µA
Pulse-Skipping or Forced Continuous Mode
VIN or EXTVCC Current (Note 3)
One Channel On
All Channels On
2
4
mA
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, RUN1,2,3 > 1.25V, EXTVCC = 0V, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com