Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4664
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM4663
7
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
Figure 1. Simplified LTM4663 Block Diagram
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
PVIN to GNDP
10
µF
COUT
External Output Capacitor Requirement
VPWM to GNDP
10
µF
4663 BD
VTEC
10µF
0.1µF
10µF
0.1µF
VIN
2.7V TO 5.5V
RTH
R
Rx
RV
10k
10k
10k
GNDL
SFB
SW
GNDP
RFB
VPWM
VLIM/SD
ILIM
VREF
NC
VREF
TFB
ITEC
TEC
VOLTAGE
SENSE
TEC
CURRENT
SENSE
SVIN
PVIN
TSET
TAMPOUT
PAMPN
PAMPOUT
GNDA
EN/SY
ENABLE/SYNC
FILTER
OSCILLATOR
VOLTAGE
REF
TEC CURRENT AND
VOLTAGE SENSE
AND LIMIT
CONTROLLER
LINEAR
POWER STAGE
PWM
POWER STAGE
249k
10k
–
+
0.1µF
TEC
+
–
VLDR
0.1µF
1µH
CHOPPER 1
TEMP ERR
AMP
CHOPPER 2
PID COMP
AMP
–
+
RCB
RCT
TEMPERATURE SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com