Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4664
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4663
9
Rev. A
For more information www.analog.com
+
–
LINEAR
POWER STAGE
PWM SWITCHING
MODE REGULATOR
CONTROL
VREF/2
TEMPERATURE ERROR
AMPLIFIER
AV = RFB/(RTH + RX) – RFB/R +1
CHOPPER 1
+
–
PID COMPENSATION
AMPLIFIER
AV = Z2/Z1
CHOPPER 2
VREF
TFB
RX
Z1
Z2
VTSET
VLDR
VPWM
RTH
TAMPOUT
TSET
PAMPN
PAMPOUT
TEC
+
–
RFB
R
LTM4663 F02
below 0.07V, the controller goes into an ultralow current
state. The current drawn in shutdown mode is 480µA
typically. Most of the current is consumed by the VREF
circuit block, which is always on even when the device is
disabled or shut down. The device can also be enabled
when an external synchronization clock signal is applied
to the EN/SY pin, and the voltage at VLIM/SD input is above
0.07V. Table 1 shows the combinations of the two input
signals that are required to enable the LTM4663.
Table 1. Enable Pin Combinations
EN/SY PIN
VLIM/SD PIN
STATUS
>2.1V
>0.07V
Enable
Clock
>0.07V
Enable
<0.8V
No Effect*
Shutdown
No Effect*
<0.07V
Shutdown
*No effect means this signal has no effect in shutting down or in enabling the device.
OPERATING FREQUENCY
The LTM4663 has a default 2MHz switching frequency for
the PWM switching regulator output stage. The oscillator
is active when the enabled voltage at the EN/SY pin is
set to a logic level higher than 2.1V and the VLIM/SD pin
voltage is greater than the shutdown threshold of 0.07V.
FREQUENCY SYNCHRONIZATION AND CLOCK IN
The switching frequency of the LTM4663 can be syn-
chronized to an external clock from 1.85MHz to 3.25MHz
Figure 2. LTM4663 Control Signal Flow Chart
APPLICATIONS INFORMATION
applied to the EN/SY input pin. The clock high level must
be above 2.1V and the clock low level below 0.8V.
SOFT-START
The LTM4663 has an internal soft-start circuit that gen-
erates a ramp with a typical 150ms profile to minimize
inrush current during power-up. The settling time and the
final voltage across the TEC depends on the TEC voltage
required by the control voltage of voltage loop. The higher
the TEC voltage is, the longer it requires to reach the final
output voltage.
When the LTM4663 is first powered up, the linear side
discharges the output of any prebias voltage. As soon
as the prebias is eliminated, the soft-start cycle begins.
During the soft-start cycle, both the PWM and linear out-
puts track the internal soft-start ramp until they reach
mid-scale VB. From the mid-scale voltage, the PWM and
linear outputs are then diverge from each other until the
required differential voltage is developed across the TEC
or the differential voltage reaches the voltage limit. The
voltage developed across the TEC depends on the control
point at that moment. Figure 3 shows an example of the
soft-start in cooling mode. Note that, as both the VLDR
and VPWM voltages increase with the soft-start ramp and
approach VB, the ramp slows down to avoid possible cur-
rent overshoot at the point where the TEC voltage starts
to build up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com