Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4664
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4663
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
PID COMPENSATION AMPLIFIER
Use the Chopper 2 amplifier as the PID compensation
amplifier. The voltage at TAMPOUT feeds into the PID
compensation amplifier. The frequency response is dic-
tated by the compensation network. Apply the temperature
set voltage at TSET. In Figure 7, the voltage at PAMPOUT
is calculated using the following equation:
VPAMPOUT = VTSET –
Z2
Z1
VTAMPOUT – VTSET
(
)
where:
VTSET is the control voltage input to the TSET pin. VTSET
sets the object target temperature. Take Figure 6 for an
example, 1.25V TSET voltage setting maintains a 25°C
target temperature for the object; 0.75V TSET voltage
setting cools down the object to 5°C; and 1.75V TSET
voltage setting heats up the object to 45°C.
Z1 is the impedance of RI, RD, and CD (see Figure 7).
Z2 is the impedance of RP, CI, and CF (see Figure 7).
The user sets the exact compensation network. This net-
work varies from a simple integrator to proportional-in-
tegral (PI), PID (proportional-integral-derivative), or any
other type of network. The user also determines the type
of compensation and component values because they are
dependent on the thermal response of the object and the
TEC. One method to empirically determine these values
is to input a step function to TSET; thus changing the tar-
get temperature, and adjust the compensation network to
minimize the settling time of the TEC temperature.
A typical compensation network for temperature control
of a laser module is a PID loop consisting of a very low
frequency pole and two separate zeros at higher frequen-
cies. Figure 7 shows a simple network for implementing
PID compensation. To reduce the noise sensitivity of the
control loop, an additional pole is added at a higher fre-
quency than that of the zeros. The bode plot of the mag-
nitude is shown in Figure 8.
Figure 7. Analog PID Compensation Network
PAMPN
TAMPOUT
PAMPOUT
PID COMPENSATOR
PID COMPENSATION
AMPLIFIER
TSET
LTM4663
VTSET
+
–
RI
RD
CD
CF
CI
RP
4663 F07
FREQUENCY
(Hz LOG SCALE)
RP
RI
1
2π • RDCD
1
2π • RPCI
1
2π • CD (RD + RI)
4663 F08
Figure 8. Bode Plot for PID Compensation
To ensure stability, the crossover frequency must be lower
than the thermal time constant of the TEC and thermistor.
There are many texts written on loop stabilization, and it is
beyond the scope of this data sheet to discuss all methods
and trade-offs for optimizing compensation networks.
TAMPOUT is a convenient measure to gauge the thermal
instability of the system. If the thermal loop is in steady
state, the TAMPOUT voltage equals the TSET voltage,
meaning that the temperature of the controlled object
equals the target temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com