Electronic Components Datasheet Search
  English  ▼

X  

MAX336C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX336C/D
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX336C/D Datasheet HTML 1Page - Maxim Integrated Products MAX336C/D Datasheet HTML 2Page - Maxim Integrated Products MAX336C/D Datasheet HTML 3Page - Maxim Integrated Products MAX336C/D Datasheet HTML 4Page - Maxim Integrated Products MAX336C/D Datasheet HTML 5Page - Maxim Integrated Products MAX336C/D Datasheet HTML 6Page - Maxim Integrated Products MAX336C/D Datasheet HTML 7Page - Maxim Integrated Products MAX336C/D Datasheet HTML 8Page - Maxim Integrated Products MAX336C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Voltage Referenced to V-
V+............................................................................ -0.3V, 44V
GND........................................................................ -0.3V, 25V
Digital Inputs, A_, EN_, NO, COM
(Note 1)............................................(V- - 0.3V) to (V+ + 0.3V)
or 30mA (whichever occurs first)
Continuous Current (any terminal)..................................... 30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle max).......................... 100mA
Continuous Power Dissipation (TA = +70 °C)
Plastic DIP (derate 14.29mW/°C above +70°C)........... 1.14W
Plastic DIP (derate 14.30,W/°C above +70°C)......1142.90mW
TSSOP (derate 12.80mW/°C aboce +70°C).........1025.60mW
Wide SO (derate 12.50mW/°C above +70°C)................1.00W
SSOP (derate 9.10mW/°C above +70°C)..................727.3mW
CERDIP (derate 16.67mW/°C above +70°C).................1.33W
Operating Temperature Ranges
MAX336C_I/MAX337C_I.....................................0°C to +70°C
MAX336E_I/MAX337E_I..................................-40°C to +85°C
MAX336MJI/MAX337MJI...............................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Soldering Temperature (reflow)....................................... +260°C
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
SWITCH
Analog Signal Range
VNO, VCOM (Note 3)
-15
15
V
On-Resistance
RON
INO = 0.2mA,
VCOM = ±10V
TA = +25 °C
220
400
Ω
TA = TMIN to TMAX
500
On-Resistance Matching
Between Channels
∆RON
INO = 0.2mA,
VCOM = ±10V (Note 4)
TA = +25 °C
5
10
Ω
TA = TMIN to TMAX
15
NO-Off Leakage Current
(Note 5)
INO(OFF)
VCOM = ±10V,
VNO = ±10V, VEN = 0V
TA = +25 °C
-0.02
0.001
0.02
nA
TA = TMIN
to TMAX
C, E
-1.25
1.25
M
-20
20
COM-Off Leakage Current
(Note 5)
ICOM(OFF)
VNO =±10V,
VCOM = ±10V,
VEN = 0V
MAX336
TA = +25 °C
-0.05
0.05
nA
TA = TMIN
to TMAX
C, E
-6.5
6.5
M
-80
80
VNO = ±10V,
VCOM = ±10V,
VEN = 0V
MAX337
TA = +25 °C
-0.05
0.05
TA = TMIN
to TMAX
C, E
-3.25
3.25
M
-40
40
COM-On Leakage Current
(Note 5)
ICOM(ON)
VCOM = ±10V,
VNO = ±10V,
sequence
each switch
on
MAX336
TA = +25 °C
-0.05
0.05
nA
TA = TMIN
to TMAX
C, E
-6.5
6.5
M
-80
80
MAX337
TA = +25 °C
-0.05
0.05
TA = TMIN
to TMAX
C, E
-3.25
3.25
M
-40
40
MAX336/MAX337
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics—Dual Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com