Electronic Components Datasheet Search
  English  ▼

X  

MAX336C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX336C/D
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX336C/D Datasheet HTML 1Page - Maxim Integrated Products MAX336C/D Datasheet HTML 2Page - Maxim Integrated Products MAX336C/D Datasheet HTML 3Page - Maxim Integrated Products MAX336C/D Datasheet HTML 4Page - Maxim Integrated Products MAX336C/D Datasheet HTML 5Page - Maxim Integrated Products MAX336C/D Datasheet HTML 6Page - Maxim Integrated Products MAX336C/D Datasheet HTML 7Page - Maxim Integrated Products MAX336C/D Datasheet HTML 8Page - Maxim Integrated Products MAX336C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
INPUT
Input Current with
Input Voltage High
IAH
VA = 2.4V or 15V
-1.0
0.001
1.0
μA
Input Current with
Input Voltage Low
IAL
VEN = 0V or 2.4V, VA = 0V
-1.0
1.0
μA
SUPPLY
Power-Supply Range
±4.5
±20
V
Positive Supply Current
I+
VEN = VA = 0V
TA = +25°C
-1
0.01
1
µA
TA = TMIN to TMAX
-10
10
VEN = 2.4V,
VA(ALL) = 2.4V
TA = +25°C
400
700
TA = TMIN to TMAX
1100
Negative Supply Current
I-
VEN = 0V or 2.4V;
VA(ALL) = 0V, 2.4V, or 5V
TA = +25°C
-1
1
µA
TA = TMIN to TMAX
-10
10
DYNAMIC
Transition Time
tTRANS
Figure 2, TA = +25°C
200
500
ns
Break-Before-Make Interval
tOPEN
Figure 4, TA = +25°C
10
50
ns
Enable Turn-On Time
tON(EN)
Figure 3
TA = +25°C
250
500
ns
TA = TMIN to TMAX
750
Enable Turn-Off Time
tOFF(EN)
Figure 3
TA = +25°C
100
500
ns
TA = TMIN to TMAX
750
Charge Injection (Note 3)
Q
CL = 100pF, VNO = 0V, RS = 0Ω, Figure 6,
TA = +25°C
3.5
10
pC
Off Isolation (Note 6)
VISO
VEN = 0V, RL = 1kΩ, f = 100kHz, TA = +25°C
-82
dB
Crosstalk Between
Channels
VCT
VEN = 2.4V, f = 100kHz, VGEN = 1Vp-p,
RL = 1kΩ, Figure 7, TA = +25°C
-86
dB
Logic Input Capacitance
CIN
f = 1MHz, TA = +25°C
2
pF
NO-Off Capacitance
CNO(OFF) f = 1MHz, VEN = VNO = 0V, Figure 8, TA = +25°C
2
pF
COM-Off Capacitance
CCOM(OFF)
f = 1MHz, VEN = 0.8V,
VCOM = 0V, Figure 8,
TA = +25°C
MAX336
20
pF
MAX337
10
COM-On Capacitance
CCOM(ON)
f = 1MHz, VEN = 2.4V,
VCOM = 0V, Figure 8,
TA = +25°C
MAX336
22
pF
MAX337
12
MAX336/MAX337
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics—Dual Supplies (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com