Electronic Components Datasheet Search
  English  ▼

X  

MAX336C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX336C/D
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX336C/D Datasheet HTML 1Page - Maxim Integrated Products MAX336C/D Datasheet HTML 2Page - Maxim Integrated Products MAX336C/D Datasheet HTML 3Page - Maxim Integrated Products MAX336C/D Datasheet HTML 4Page - Maxim Integrated Products MAX336C/D Datasheet HTML 5Page - Maxim Integrated Products MAX336C/D Datasheet HTML 6Page - Maxim Integrated Products MAX336C/D Datasheet HTML 7Page - Maxim Integrated Products MAX336C/D Datasheet HTML 8Page - Maxim Integrated Products MAX336C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(V+ = +12V, V- = 0V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4: ∆RON = RON(MAX) - RON(MIN).
Note 5: Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 6: Worst-case isolation is on channel 4 because of its proximity to the drain pin. Off isolation = 20log VCOM/VNO, where VCOM
= output and VNO = input to off switch.
(TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
SWITCH
Analog Signal Range
VNO, VCOM (Note 3)
0
12
V
On-Resistance
RON
INO = 0.2mA, VCOM = 3V or 10V, TA = +25°C
460
700
Ω
DYNAMIC
Transition Time (Note 3)
tTRANS
VNO_ = ±5V, VIN = 2.4V, Figure 1, TA = +25°C
350
600
ns
Enable Turn-On Time
(Note 3)
tON(EN)
VINH = 2.4V, VINL = 0V, VNO1 = 5V, Figure 3,
TA = +25°C
350
600
ns
Enable Turn-Off Time
(Note 3)
tOFF(EN)
VINH = 2.4V, VINL = 0V, VNO1 = 5V, Figure 3,
TA = +25°C
110
500
ns
Charge Injection
(Note 3)
Q
CL = 100pF, VNO = 0V, RS = 0Ω, TA = +25°C
5.0
10
pC
100
0.001
10
10k
1k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.01
FREQUENCY (Hz)
1
0.1
10
V+ = +15V
V- = -15V
SIGNAL = 5Vp-p
600Ω IN AND OUT
100
10
1
0.1
0.01
0.0001
0.001
0.00001
VIN (V)
3
0
6
9
12
15
SUPPLY CURRENT
vs. INPUT VOLTAGE
CURRENT SHOWN IS FOR DRIVING
ONE INPUT; TOTAL V+ CURRENT IS
MULTIPLIED BY NUMBER OF LOGIC
INPUTS DRIVEN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
10
100
FREQUENCY RESPONSE
225
-225
-90
-45
0
45
-135
-180
90
135
180
MAX1336/337toc01
FREQUENCY (MHz)
1
50Ω IN AND OUT
V+ = +15V
V- = -15V
ON PHASE
OFF LOSS
ON LOSS
MAX336/MAX337
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics—Single Supply
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com