Electronic Components Datasheet Search
  English  ▼

X  

FDMS86181 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMS86181
Description  MOSFET - Power, Single N-Channel, Shielded Gate, POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86181 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMS86181 Datasheet HTML 1Page - ON Semiconductor FDMS86181 Datasheet HTML 2Page - ON Semiconductor FDMS86181 Datasheet HTML 3Page - ON Semiconductor FDMS86181 Datasheet HTML 4Page - ON Semiconductor FDMS86181 Datasheet HTML 5Page - ON Semiconductor FDMS86181 Datasheet HTML 6Page - ON Semiconductor FDMS86181 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDMS86181
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (continued)
Symbol
Unit
Max
Typ
Min
Test Condition
Parameter
DRAIN-SOURCE DIODE CHARACTERISTICS
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2.1 A (Note 2)
0.7
1.2
V
VGS = 0 V, IS = 44 A (Note 2)
0.8
1.3
trr
Reverse Recovery Time
IF = 20 A, di/dt = 300 A/ms
32
52
ns
Qrr
Reverse Recovery Charge
57
92
nC
trr
Reverse Recovery Time
IF = 20 A, di/dt = 1000 A/ms
25
40
ns
Qrr
Reverse Recovery Charge
158
253
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTES:
1. RqJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 × 1.5 in. board of FR−4 material. RqCA is determined
by the user’s board design.
a. 50 °C/W when mounted on a
1 in2 pad of 2 oz copper.
b. 125 °C/W when mounted on a
minimum pad of 2 oz copper.
2. Pulse Test: Pulse Width < 300 ms, Duty cycle < 2.0%.
3. EAS of 337 mJ is based on starting TJ = 25°C, N−ch: L = 3 mH, IAS = 15 A, VDD = 100 V, VGS = 10 V. 100% test at L = 0.1 mH, IAS = 49 A.
4. Pulsed Id please refer to Figure 11 SOA graph for more details.
5. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal &
electro−mechanical application board design.
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise noted)
Figure 1. On Region Characteristics
Figure 2. Normalized On−Resistance
vs. Drain Current and Gate Voltage
VGS = 6 V
VGS = 6.5 V
VGS = 8 V
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
VGS = 5 V
VGS = 10 V
300
250
200
150
100
50
0
01
2
3
4
0
50
100
150
200
250
300
0
2
4
6
VGS = 6 V
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
VGS = 6.5 V
VGS = 8 V
VGS = 5 V
VGS = 10 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com