Electronic Components Datasheet Search
  English  ▼

X  

EM78P157NAAS Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P157NAAS
Description  8-Bit Microcontroller with OTP ROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P157NAAS Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P157NAAS Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
EM78P157N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 09.22.2005
• 27
(This specification is subject to change without further notice)
Bit 5 (HLF):
XTAL frequency selection
0: XTAL2 type (low frequency, 32.768KHz)
1: XTAL1 type (high frequency)
This bit will affect system oscillation only when Bit 4 (OSC) is “1.” When
OSC is”0,” HLF must be “0”.
NOTE
The transient point of system frequency between HXT and LXY is around 400 KHz.
Bit 4 (OSC): Oscillator type selection
0: RC type
1: XTAL type (XTAL1 and XTAL2)
Bit 3 (HLP):
Power selection
0: Low power
1: High power
Bit 2 ~ Bit 0 (PR2 ~ PR0): Protect bits
PR2 ~ PR0 are protect bits that can be set as follows:
PR2
PR1
PR0
Protect
0
0
0
Enable
0
0
1
Enable
0
1
0
Enable
0
1
1
Enable
1
0
0
Enable
1
0
1
Enable
1
1
0
Enable
1
1
1
Disable
4.8.2 Customer ID Register (Word 1)
Bit 12 ~ Bit 0
XXXXXXXXXXXXX
Bit 12 ~ Bit 0: Customer’s ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com