Electronic Components Datasheet Search
  English  ▼

X  

EM78P157NAAS Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P157NAAS
Description  8-Bit Microcontroller with OTP ROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P157NAAS Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P157NAAS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
EM78P157N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 09.22.2005
• 7
(This specification is subject to change without further notice)
PC (A9 ~ A0)
Stack Level 1
Stack Level 3
Stack Level 2
Stack Level 4
Stack Level 5
On-chip Program
Memory
000H
3FFH
008H
Interrupt Vector
Reset Vector
Fig. 4-2 R2 (Program Counter) & Stack Organization
4.1.4 Status (R3) Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GP2
GP1
GP0
T
P
Z
DC
C
Bit 0 (C):
Carry flag
Bit 1 (DC): Auxiliary carry flag
Bit 2 (Z):
Zero flag
Set to "1" if the result of an arithmetic or logic operation is zero
Bit 3 (P):
Power down bit
Set to “1” during power on or by a "WDTC" command
Reset to “0” by a "SLEP" command
Bit 4 (T):
Time-out bit
Set to “1” with the "SLEP" and "WDTC" commands, or during power up
Reset to “0” by WDT time-out
Bit 5~7 (GP0 ~ 2): General-purpose read/write bits
4.1.5 RAM Select (R4) Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Not used (read only)
Select Registers
Z flag of R3 will set to “1” when R4 content is equal to “3F.” When R4=R4+1, R4
content will function as R0. See the data memory configuration shown in Section 4.1.
Bits 0~5:
are used to select registers (Address: 00~06, 0F~3F) in indirect address
mode
Bits 6~7:
are not used (read only)
Bits 6~7 are set to “1” all the time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com