Electronic Components Datasheet Search
  English  ▼

X  

EM78P157NAAS Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P157NAAS
Description  8-Bit Microcontroller with OTP ROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P157NAAS Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P157NAAS Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
EM78P157N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 09.22.2005
• 1
(This specification is subject to change without further notice)
1
General Description
EM78P157N is an 8-bit microprocessor designed and developed with low-power,
high-speed CMOS technology. It is equipped with 1K*13-bits Electrical One Time
Programmable Read Only Memory (OTP-ROM). It provides three PROTECTION bits
to prevent user’s code in the OTP memory from being intruded. Eight OPTION bits are
also provided to meet user’s additional requirements.
With its OTP-ROM feature, the EM78P157N is able to offer a convenient way of
developing and verifying user’s programs. Moreover, user can take advantage of
ELAN DWriter to easily program his development code.
2
Features
Operating voltage range: 2.5V~5.5V
Operating temperature range: -40
°C~85°C
Operating frequency range (base on 2 clocks ):
• Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.5V.
• ERC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.5V.
Low power consumption:
• Less then 2 mA at 5V/4MHz
• Typically 20 µA at 3V/32KHz
• Typically 1 µA during sleep mode
1K
× 13 bits on chip ROM
One security register to prevent intrusion of OTP memory codes
One configuration register to accommodate user’s requirements
48
× 8 bits on chip registers (SRAM, general purpose register)
2 bi-directional I/O ports
5 level stacks for subroutine nesting
8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and
overflow interrupt
Two clocks per instruction cycle
Power down (SLEEP) mode
Three available interruptions
• TCC overflow interrupt
• Input-port status changed interrupt (wake up from sleep mode)
• External interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com