Electronic Components Datasheet Search
  English  ▼

X  

MSC23232D Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC23232D
Description  2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23232D Datasheet(HTML) 2 Page - OKI electronic componets

  MSC23232D Datasheet HTML 1Page - OKI electronic componets MSC23232D Datasheet HTML 2Page - OKI electronic componets MSC23232D Datasheet HTML 3Page - OKI electronic componets MSC23232D Datasheet HTML 4Page - OKI electronic componets MSC23232D Datasheet HTML 5Page - OKI electronic componets MSC23232D Datasheet HTML 6Page - OKI electronic componets MSC23232D Datasheet HTML 7Page - OKI electronic componets MSC23232D Datasheet HTML 8Page - OKI electronic componets MSC23232D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor
MSC2323267D
MODULE OUTLINE
1
72
R1.57
6.35
1.04Typ.
1.27±0.1
95.25
2.03Typ.
6.35Typ.
Typ.
6.35
Typ.
10.16
 3.18
25.4±0.2
101.19Typ.
107.95±0.2*1
3.38Typ.
4.0Min.
5.28Max.
+0.1
-0.08
1.27
(Unit : mm)
MSC2323267D-xxBS4/DS4
*1
The common size difference of the board width 12.5mm of its height is specified as ±0.2.
The value above 12.5mm is specified as ±0.5.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com