Electronic Components Datasheet Search
  English  ▼

X  

MSC23232D Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23232D
Description  2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23232D Datasheet(HTML) 8 Page - OKI electronic componets

  MSC23232D Datasheet HTML 1Page - OKI electronic componets MSC23232D Datasheet HTML 2Page - OKI electronic componets MSC23232D Datasheet HTML 3Page - OKI electronic componets MSC23232D Datasheet HTML 4Page - OKI electronic componets MSC23232D Datasheet HTML 5Page - OKI electronic componets MSC23232D Datasheet HTML 6Page - OKI electronic componets MSC23232D Datasheet HTML 7Page - OKI electronic componets MSC23232D Datasheet HTML 8Page - OKI electronic componets MSC23232D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC2323267D
AC Characteristics (2/2)
(VCC = 5V ± 10%, Ta = 0°C to +70°C ) Note: 1, 2, 3
MSC2323267D
-60BS4/DS4
MSC2323267D
-70BS4/DS4
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write Command Set-up Time
tWCS
0-
0-
ns
Write Command Hold Time
tWCH
10
-
13
-
ns
Write Command Pulse Width
tWP
10
-
10
-
ns
/WE Pulse Width (DQ Disable)
tWPE
10
-
10
-
ns
Write Command to /RAS Lead Time
tRWL
10
-
13
-
ns
Write Command to /CAS Lead Time
tCWL
10
-
13
-
ns
Data-in Set-up Time
tDS
0-
0-
ns
Data-in Hold Time
tDH
10
-
13
-
ns
/CAS Active Delay Time from /RAS Precharge
tRPC
5-
5-
ns
/RAS to /CAS Set-up Time
(/CAS before /RAS)
tCSR
5-
5-
ns
/RAS to /CAS Hold Time
(/CAS before /RAS)
tCHR
10
-
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com