Electronic Components Datasheet Search
  English  ▼

X  

MSC23232D Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23232D
Description  2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23232D Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23232D Datasheet HTML 1Page - OKI electronic componets MSC23232D Datasheet HTML 2Page - OKI electronic componets MSC23232D Datasheet HTML 3Page - OKI electronic componets MSC23232D Datasheet HTML 4Page - OKI electronic componets MSC23232D Datasheet HTML 5Page - OKI electronic componets MSC23232D Datasheet HTML 6Page - OKI electronic componets MSC23232D Datasheet HTML 7Page - OKI electronic componets MSC23232D Datasheet HTML 8Page - OKI electronic componets MSC23232D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
MSC2323267D-xxBS4/DS4
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
This version:
Mar. 3. 1999
DESCRIPTION
The MSC2323267D-xxBS4/DS4 is a fully decoded, 2,097,152-word x 32-bit CMOS dynamic random access
memory module composed of four 16Mb DRAMs in SOJ packages mounted with four decoupling capacitors on a
72-pin glass epoxy single-inline package. This module supports any application where high density and large
capacity of storage memory are required.
FEATURES
· 2,097,152-word x 32-bit organization
· 72-pin Single Inline Memory Module
MSC2323267D-xxBS4 : Gold tab
MSC2323267D-xxDS4 : Solder tab
· Single +5V supply ± 10% tolerance
· Input
: TTL compatible
· Output
: TTL compatible, 3-state
· Refresh
: 2048cycles/32ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode with EDO capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
Cycle
Time
(Min.)
Operating (Max.)
Standby (Max.)
MSC2323267D-60BS4/DS4
60ns
30ns
15ns
104ns
2420mW
MSC2323267D-70BS4/DS4
70ns
35ns
20ns
124ns
2200mW
22mW


Similar Part No. - MSC23232D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23232D-60BS16 OKI-MSC23232D-60BS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-60DS16 OKI-MSC23232D-60DS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-70BS16 OKI-MSC23232D-70BS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-70DS16 OKI-MSC23232D-70DS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23232D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V27257TD-XXBS9 OKI-MSC23V27257TD-XXBS9 Datasheet
93Kb / 10P
2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com