Electronic Components Datasheet Search
  English  ▼

X  

DS1647P Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1647P Datasheet HTML 3Page - Maxim Integrated Products DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products DS1647P Datasheet HTML 10Page - Maxim Integrated Products DS1647P Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS1647/DS1647P
7 of 12
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground…………………………….…………….…-0.3V to +6.0V
Operating Temperature Range (Noncondensing)………………………………………….….0°C to +70°C
Storage Temperature Range
EDIP .......................…………………………….…………………………………..-40°C to +85°C
PowerCap .............................................................................................................. -55°C to +125°C
Lead Temperature (soldering, 10s) …..………………….…….........................................................+260°C
Note: EDIP is wave or hand soldered only.
Soldering Temperature (reflow, PowerCap) ......................................................................................+260°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70°C)
PARAMETER
SYMBOL MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Logic 1 Voltage, All Inputs
VIH
2.2
VCC + 0.3
V
Logic 0 Voltage, All Inputs
VIL
-0.3
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±10%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL MIN
TYP
MAX
UNITS NOTES
Average VCC Power Supply Current
ICC1
85
mA
2, 3
TTL Standby Current (CE = VIH)
ICC2
3
6
mA
2, 3
CMOS Standby Current
(CE = VCC - 0.2V)
ICC3
2
4.0
mA
2, 3
Input Leakage Current (Any Input)
IIL
-1
+1
µ
A
Output Leakage Current
IOL
-1
+1
µ
A
Output Logic 1 Voltage
(IOUT = -1.0mA) (DQ0–DQ7)
VOH
2.4
V
Output Logic 0 Voltage
(IOUT = +2.1mA) (DQ0–DQ7, PFO)
VOL
0.4
V
Write-Protection Voltage
VPF
4.0
4.5
V
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL MIN
TYP
MAX
UNITS NOTES
Capacitance on All Pins (Except DQ)
CI
7
pF
Capacitance on DQ Pins
CDQ
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com