Electronic Components Datasheet Search
  English  ▼

X  

DS1647P Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products DS1647P Datasheet HTML 10Page - Maxim Integrated Products DS1647P Datasheet HTML 11Page - Maxim Integrated Products DS1647P Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1647/DS1647P
11 of 12
AC TEST CONDITIONS
Output Load: 50pF + 1TTL Gate
Input Levels: 0 to 3V
Timing Measurement Reference Levels:
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5ns
NOTES:
1) All voltages are referenced to ground.
2) Typical values are at +25°C and nominal supplies.
3) Outputs are open.
4) Each DS1647 has a built-in switch that disconnects the lithium source until VCC is first applied by the
user. The expected tDR is defined for DIP modules as a cumulative time in the absence of VCC starting
from the time power is first applied by the user.
5) tAH1, tDH1 are measured from WE going high.
6) tAH2, tDH2 are measured from CE going high.
7) RTC Encapsulated DIP Modules (EDIP) can be successfully processed through conventional wave-
soldering techniques as long as temperatures as long as temperature exposure to the lithium energy
source contained within does not exceed +85°C. Post-solder cleaning with water washing techniques
is acceptable, provided that ultrasonic vibration is not used. See the PowerCap package drawing for
details regarding the PowerCap package.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a
different suffix character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND
PATTERN NO.
32 EDIP
MDT32+4
21-0245
—
34 PCAP
PC2+1
21-0246
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com