Electronic Components Datasheet Search
  English  ▼

X  

DS1647P Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products DS1647P Datasheet HTML 10Page - Maxim Integrated Products DS1647P Datasheet HTML 11Page - Maxim Integrated Products DS1647P Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS1647/DS1647P
10 of 12
AC ELECTRICAL CHARACTERISTICS—POWER-UP/POWER-DOWN TIMING
(VCC = 5.0V ±10%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL MIN
TYP
MAX
UNITS NOTES
CE
or WE at VIH before Power-Down
tPD
0
µ
s
VPF (MAX) to VPF (MIN) VCC Fall Time
tF
300
µ
s
VPF (MIN) to VSO VCC Fall Time
tFB
10
µ
s
VSO to VPF (MIN) VCC Rise Time
tRB
1
µ
s
VPF (MIN) to VPF (MAX) VCC Rise Time
tR
0
µ
s
Power-Up
tREC
15
35
ms
Expected Data-Retention Time +25°C
(Oscillator On)
tDR
10
years
4
POWER-DOWN/POWER-UP TIMING
OUTPUT LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com