Electronic Components Datasheet Search
  English  ▼

X  

DS1677 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1677
Description  Portable System Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1677 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1677 Datasheet HTML 5Page - Maxim Integrated Products DS1677 Datasheet HTML 6Page - Maxim Integrated Products DS1677 Datasheet HTML 7Page - Maxim Integrated Products DS1677 Datasheet HTML 8Page - Maxim Integrated Products DS1677 Datasheet HTML 9Page - Maxim Integrated Products DS1677 Datasheet HTML 10Page - Maxim Integrated Products DS1677 Datasheet HTML 11Page - Maxim Integrated Products DS1677 Datasheet HTML 12Page - Maxim Integrated Products DS1677 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS1677
9 of 18
ANALOG-TO-DIGITAL CONVERTER
The DS1677 provides a 3-channel 8-bit analog-to-digital converter. The A/D reference voltage (2.55V
typical) is derived from an on-chip band-gap circuit. Three multiplexed analog inputs are provided
through the AIN0, AIN1, and AIN2 pins. The ADC is monotonic (no missing codes) and uses a
successive approximation technique to convert the analog signal into a digital code.
An A/D conversion is the process of assigning a digital code to an analog input voltage. This code
represents the input value as a fraction of the full-scale voltage (FSV) range. Thus, the FSV range is then
divided by the ADC into 256 codes (8 bits). The FSV range is bounded by an upper limit equal to the
reference voltage and the lower limit, which is ground. The DS1677 has a FSV of 2.55V (typical) that
provides a resolution of 10mV. An input voltage equal to the reference voltage converts to FFh while an
input voltage equal to ground converts to 00h. The relative linearity of the ADC is
0.5 LSB.
The ADC selects from one of three different analog inputs (AIN0–AIN2). The input that is selected is
determined by the Analog Input Select (AIS) bits in the Control Register. Table 2 lists the specific analog
input that is selected by these 2 bits. Note also that the converter can be turned off by these bits to reduce
power. When the ADC is turned on by setting AIS0 and AIS1 to any value other than 0,0 the analog input
voltage is converted and written to the ADC Register within 488
s. An internal analog filter at the input
reduces high frequency noise. Subsequent updates occur approximately every 10ms. If AIS0 and/or AIS1
are changed, updates will occur at the next 10ms conversion time.
The Conversion Update In Progress (CU) bit in the Status Register indicates when the ADC Register can
be read. When this bit is a one, an update to the ADC Register will occur within 488
s maximum.
However, when this bit is zero an update will not occur for at least 244
s. The CU bit should be polled
before reading the ADC Register to insure that the contents are stable during a read cycle. Once a read
cycle to the ADC Register has been started, the DS1677 will not update that register until the read cycle
has been completed. It should also be mentioned that taking CS low will abort the read cycle and will
allow the ADC Register to be updated.
Figure 5 illustrates the timing of the CU bit relative to an instruction to begin conversion and the
completion of that conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com