Electronic Components Datasheet Search
  English  ▼

X  

DS1677 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS1677
Description  Portable System Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1677 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS1677 Datasheet HTML 10Page - Maxim Integrated Products DS1677 Datasheet HTML 11Page - Maxim Integrated Products DS1677 Datasheet HTML 12Page - Maxim Integrated Products DS1677 Datasheet HTML 13Page - Maxim Integrated Products DS1677 Datasheet HTML 14Page - Maxim Integrated Products DS1677 Datasheet HTML 15Page - Maxim Integrated Products DS1677 Datasheet HTML 16Page - Maxim Integrated Products DS1677 Datasheet HTML 17Page - Maxim Integrated Products DS1677 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
DS1677
14 of 18
CAPACITANCE
(TA = +25C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
I/O Capacitance
CI/O
15
pF
Crystal Capacitance
CX
6
pF
AC ELECTRICAL CHARACTERISTICS
(0
C to 70C; V
CC=5.0V10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data to Clock Setup
tDC
50
ns
6
CLK to Data Hold
tCDH
70
ns
6
CLK to Data Delay
tCDD
200
ns
6,7,8
CLK to Low Time
tCL
250
ns
6
CLK to High Time
tCH
250
ns
6
CLK Frequency
tCLK
2.0
MHz
6
CLK Rise and Fall
tR, tF
500
ns
CS to CLK Setup
tCC
1
s
6
CLK to CS Hold
tCCH
60
ns
6
CS Inactive Time
tCWH
1
s
6
CS to I/O High-Z
tCDZ
70
ns
6
VCC Slew Rate (4.5V to 2.3V)
tF
1
ms
VCC Slew Rate (2.3V to 4.5V)
tR
0
ns
VCC Detect to RST (VCC Falling)
tRPD
100
ns
Reset Active Time
tRST
250
ms
13
Pushbutton Debounce
PBDB
250
ms
13
VCC Detect to RST (VCC Rising)
tRPU
250
ms
13, 14
ST
Pulse Width
tST
20
ns
Chip Enable Propagation Delay to
External SRAM
tCED
8
15
ns
Nominal Voltage to VCC Switchover
Fall Time
tFB
200
s
PFI Low to PFO Low
tPFD
2
s
PFI High to PFO High
tPFU
2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com