Electronic Components Datasheet Search
  English  ▼

X  

DS1677 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1677
Description  Portable System Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1677 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1677 Datasheet HTML 9Page - Maxim Integrated Products DS1677 Datasheet HTML 10Page - Maxim Integrated Products DS1677 Datasheet HTML 11Page - Maxim Integrated Products DS1677 Datasheet HTML 12Page - Maxim Integrated Products DS1677 Datasheet HTML 13Page - Maxim Integrated Products DS1677 Datasheet HTML 14Page - Maxim Integrated Products DS1677 Datasheet HTML 15Page - Maxim Integrated Products DS1677 Datasheet HTML 16Page - Maxim Integrated Products DS1677 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS1677
13 of 18
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-0.3V to +7.0V
Operating Temperature Range………………………………………………………………..0
C to +70C
Storage Temperature Range………………………………………………………………-55
C to +125C
Soldering Temperature………………………………………….See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0C to +70C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
1
Input Logic 1
VIH
2.0
VCC +
0.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
Battery Voltage
VBAT
2.5
3.7
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±10%, TA = 0C to +70C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-1
+1
A
CS Leakage
ILO
150
A
7
Logic 1 Output (IOUT = -0.4mA)
VOH
2.4
V
1
Logic 0 Output (IOUT = 1.5mA)
VOL
0.4
V
1
Active Supply Current (CS = VCC - 0.2)
ICCA
1.5
2.0
mA
2
ADC Current
IADC
500
A
3
Standby Current (CS = VIL)
ICCS
300
A
4
Battery Current (Oscillator On)
IBAT
300
500
nA
Battery Current (Oscillator Off)
IBAT
200
nA
Internal RST Pullup Resistor
RP
35
47
60
k
VCC Trip Point
VCCTP
4.25
4.35
4.50
V
VCC Switchover
VCCSW
2.60
2.70
2.80
V
10
A/D Reference Voltage
VADC
2.47
2.55
2.63
V
Pushbutton Detect
PBDV
0.8
2.0
V
Pushbutton Release
PBRD
0.3
0.8
V
Output Voltage
VCCO
VCC -
0.3
V
9
PFI Input Threshold
VPFI
1.20
1.25
1.30
V
PFI Input Current
IPFI
0.25
0.01
25
nA
PFO
Output Voltage (IOH = -1A)
VOH
VCC -
1.5
V
PFO
Output voltage (IOL = 3.2A)
VOL
0.4
V
VCCO Output Current (Source = VCC)
ICCO1
150
mA
11
VCCO Output Current (Source = VBAT)
ICCO2
150
A
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com