Electronic Components Datasheet Search
  English  ▼

X  

FDWS86368 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDWS86368
Description  MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS86368 Datasheet(HTML) 1 Page - ON Semiconductor

  FDWS86368 Datasheet HTML 1Page - ON Semiconductor FDWS86368 Datasheet HTML 2Page - ON Semiconductor FDWS86368 Datasheet HTML 3Page - ON Semiconductor FDWS86368 Datasheet HTML 4Page - ON Semiconductor FDWS86368 Datasheet HTML 5Page - ON Semiconductor FDWS86368 Datasheet HTML 6Page - ON Semiconductor FDWS86368 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
October, 2021 − Rev. 4
1
Publication Order Number:
FDWS86368−F085/D
MOSFET – N-Channel,
POWERTRENCH)
80 V, 80 A, 4.5 mW
FDWS86368-F085
Features
• Typical RDS(on) = 3.7 mW at VGS = 10 V, ID = 80 A
• Typical Qg(tot)= 57 nC at VGS = 10 V, ID = 80 A
• UIS Capability
• Wettable Flanks for Automatic Optical Inspection (AOI)
• AEC−Q101 Qualified and PPAP Capable
• This Device is Pb−Free and is RoHS Compliant
Applications
• Automotive Engine Control
• PowerTrain Management
• Solenoid and Motor Drivers
• Integrated Starter/Alternator
• Primary Switch for 12 V Systems
MOSFET MAXIMUM RATINGS (TJ = 25°C, Unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDSS
Drain−to−Source Voltage
80
V
VGS
Gate−to−Source Voltage
±20
V
ID
Drain Current (TC = 25°C)
Continuous (VGS = 10 V) (Note 1)
Pulsed
80
(See Figure 4)
A
EAS
Single Pulse Avalanche Energy
(Note 2)
82
mJ
PD
Power Dissipation
214
W
Derate Above 25°C
1.43
W/°C
TJ, TSTG
Operating and Storage Temperature
−55 to +175
°C
RθJC
Thermal Resistance, Junction to Case
0.7
°C/W
RθJA
Maximum Thermal Resistance,
Junction to Ambient (Note 3)
50
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Current is limited by bondwire configuration.
2. Starting TJ= 25°C, L = 40 mH, IAS= 64 A, VDD= 80 V during inductor charging
and VDD = 0 V during time in avalanche.
3. RθJA is the sum of the junction−to−case and case−to−ambient thermal
resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJA
is determined by the board design. The maximum rating presented here is
based on mounting on a 1 in2 pad of 2 oz copper.
VDSS
RDS(ON) MAX
ID MAX
80 V
4.5 mW @ 10 V
80 A
MARKING DIAGRAM
ELECTRICAL CONNECTION
N−Channel MOSFET
DFNW8
CASE 507AU
Top
Bottom
D
D
D
D
S
G
S
S
Pin 1
ON
(Note: Microdot may be in either location)
AYWWWL
FDWS
86368
A
= Assembly Location
Y
= Year
WW
= Work Week
WL
= Assembly Lot
FDWS
= Device Code
86368
= Device Code
Device
Package
Shipping†
ORDERING INFORMATION
FDWS86368−F085
DFNW8
(Power56)
(Pb−Free)
3000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes please


Similar Part No. - FDWS86368

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
More results

Similar Description - FDWS86368

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
logo
ON Semiconductor
FDB86569-F085 ONSEMI-FDB86569-F085 Datasheet
3Mb / 8P
MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
NTMFS6H824N ONSEMI-NTMFS6H824N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 4.5 m, 107 A
June, 2020-Rev. 2
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVMFS5C456N ONSEMI-NVMFS5C456N Datasheet
190Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
October, 2019-Rev. 1
NVMFS6H824N ONSEMI-NVMFS6H824N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 4.5 m, 107 A
June, 2020 ??Rev. 2
NVMYS4D5N04C ONSEMI-NVMYS4D5N04C Datasheet
341Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com