Electronic Components Datasheet Search
  English  ▼

X  

FDWS86368 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDWS86368
Description  MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS86368 Datasheet(HTML) 2 Page - ON Semiconductor

  FDWS86368 Datasheet HTML 1Page - ON Semiconductor FDWS86368 Datasheet HTML 2Page - ON Semiconductor FDWS86368 Datasheet HTML 3Page - ON Semiconductor FDWS86368 Datasheet HTML 4Page - ON Semiconductor FDWS86368 Datasheet HTML 5Page - ON Semiconductor FDWS86368 Datasheet HTML 6Page - ON Semiconductor FDWS86368 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDWS86368−F085
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
OFF CHARACTERISTICS
BVDSS
Drain−to−Source Breakdown
Voltage
ID = 250 mA, VGS = 0 V
80
V
IDSS
Drain−to−Source Leakage
Current
VDS = 80 V, VGS = 0 V, TJ = 25°C
1
mA
VDS = 80 V, VGS = 0 V, TJ = 175°C (Note 4)
1
mA
IGSS
Gate−to−Source Leakage
Current
VGS = ±20 V
±100
nA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold
Voltage
VGS = VDS, ID = 250 mA
2.0
3.0
4.0
V
RDS(on)
Drain to Source On Resistance ID = 80 A, VGS = 10 V, TJ = 25°C
3.7
4.5
mW
ID = 80 A, VGS = 10 V, TJ = 175°C (Note 4)
7.4
9.0
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS = 40 V, VGS = 0 V, f = 1 MHz
4350
pF
Coss
Output Capacitance
636
pF
Crss
Reverse Transfer Capacitance
20
pF
Rg
Gate Resistance
f = 1 MHz
2.5
W
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 64 V, ID = 80 A
57
75
nC
Qg(th)
Threshold Gate Charge
VGS = 0 V to 2 V
8
nC
Qgs
Gate−to−Source Gate Charge
23
nC
Qgd
Gate−to−Drain “Miller” Charge
11
nC
SWITCHING CHARACTERISTICS
ton
Turn−On Time
VDD = 40 V, ID = 80 A, VGS = 10V, RGEN = 6 W
60
ns
td(on)
Turn−On Delay
23
ns
tr
Rise Time
22
ns
td(off)
Turn−Off Delay
32
ns
tf
Fall Time
13
ns
toff
Turn−Off Time
59
ns
DRAIN−SOURCE DIODE CHARACTERISTICS
V
SD
Source−to−Drain Diode
Voltage
VGS = 0 V, ISD = 80 A
VGS = 0 V, ISD = 40 A
1.25
1.2
V
t
rr
Reverse−Recovery Time
IF = 80 A, DISD/Dt = 100 A/ms, VDD = 64 V
58
75
ns
Q
rr
Reverse−Recovery Charge
49
67
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com